Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25AFG Datasheet(PDF) 126 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 126 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 122Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 123Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 124Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 125Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 126Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 127Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 128Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 130Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 194 page
background image
Page 116
10. 8-Bit TimerCounter (TC5, TC6)
10.1 Configuration
TMP86CS25AFG
Example :Generating a pulse with 1-ms high-level width and a period of 32.768 ms (fc = 16.0 MHz)
Setting ports
LDW
(PWREG5), 07D0H
: Sets the pulse width.
LD
(TC5CR), 33H
: Sets the operating clock to fc/23, and 16-bit PWM output
mode (lower byte).
LD
(TC6CR), 056H
: Sets TFF6 to the initial value 0, and 16-bit PWM signal
generation mode (upper byte).
LD
(TC6CR), 05EH
: Starts the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com