Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS28FG Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMP86CS28FG
Description  8 Bit Microcontroller
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS28FG Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMP86CS28FG Datasheet HTML 57Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 58Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 59Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 60Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 61Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 230 page
background image
Page 51
TMP86CS28FG
5. I/O Ports
The TMP86CS28FG has 9 input/output ports (62 pins) as shown below.
Table 5-1
Port Functions
Primary Function
Secondary Functions
Port P0
3-bit input/output port
External interrupt input, PPG output
Port P1
8-bit input/output port
Analog input, STOP mode release signal input
Port P2
3-bit input/output port
External interrupt input, low-frequency resonator connection, STOP mode
release signal input
Port P3
8-bit input/output port
External interrupt input, timer/counter input, serial interface input/output, UART
input/output, divider output
Port P4
8-bit input/output port
External interrupt input, timer/counter input, LCD segment output, PPG output
Port P5
8-bit input/output port
Timer/counter input/output, LCD segment output, UART input/output
Port P6
8-bit input/output port
LCD segment output
Port P7
8-bit input/output port
LCD segment output
Port P8
8-bit input/output port
LCD segment output
Table 5-2
Register List
Port
Latch
Read
Pch Control
CR1
CR2
LCD Control
P0
P0DR (0000H)
P0PRD (0FF0H)
P0OUTCR (0032H)
−−−
P1
P1DR (0001H)
−−
P1CR1 (0FF9H)
P1CR2 (0FFAH)
−
P2
P2DR (0002H)
P2PRD (0FF2H)
−−−−
P3
P3DR (0003H)
P3PRD (0FF3H)
P3OUTCR (002BH)
−−−
P4
P4DR (0004H)
P4PRD (0FF4H)
P4OUTCR (0FFBH)
−−
P4LCR (0FD4H)
P5
P5DR (0005H)
P5PRD (0FF5H)
P5OUTCR (0FFCH)
−−
P5LCR (0FD5H)
P6
P6DR (0006H)
P6PRD (0FF6H)
P6OUTCR (0FFDH)
−−
P6LCR (0FD6H)
P7
P7DR (0007H)
P7PRD (0FF7H)
P7OUTCR (0FFEH)
−−
P7LCR (0FD7H)
P8
P8DR (0008H)
P8PRD (0FF8H)
P8OUTCR (0FFFH)
−−
P8LCR (0FD8H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com