Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS28FG Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMP86CS28FG
Description  8 Bit Microcontroller
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS28FG Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMP86CS28FG Datasheet HTML 90Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 91Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 92Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 93Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 94Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 95Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 96Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 97Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 230 page
background image
Page 84
8. 16-Bit TimerCounter (TC10,TC11)
8.1 16-Bit TimerCounter 10
TMP86CS28FG
8.1.2 TimerCounter Control
The TimerCounter 10 is controlled by the TimerCounter 10 control register (TC10CR) and two 16-bit timer
registers (TC10DRA and TC10DRB).
Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz]
Note 2: The timer register consists of two shift registers. A value set in the timer register becomes valid at the rising edge of the
first source clock pulse that occurs after the upper byte (TC10DRAH and TC10DRBH) is written. Therefore, write the
lower byte and the upper byte in this order (it is recommended to write the register with a 16-bit access instruction). Writing
only the lower byte (TC10DRAL and TC10DRBL) does not enable the setting of the timer register.
Note 3: To set the mode, source clock, PPG output control and timer F/F control, write to TC10CR1 during TC10S=00. Set the
timer F/F10 control until the first timer start after setting the PPG mode.
Timer Register
15
14
13
12
11
10
98765
43210
TC10DRA
(0011H, 0010H)
TC10DRAH (0011H)
TC10DRAL (0010H)
(Initial value: 1111 1111 1111 1111)
Read/Write
TC10DRB
(0013H, 0012H)
TC10DRBH (0013H)
TC10DRBL (0012H)
(Initial value: 1111 1111 1111 1111)
Read/Write (Write enabled only in the PPG output mode)
TimerCounter 10 Control Register
TC10CR
(0014H)
7
6
5
432
10
TFF10
ACAP10
MCAP10
METT10
MPPG10
TC10S
TC10CK
TC10M
Read/Write
(Initial value: 0000 0000)
TFF10
Timer F/F10 control
0: Clear
1: Set
R/W
ACAP10
Auto capture control
0:Auto-capture disable
1:Auto-capture enable
R/W
MCAP10
Pulse width measure-
ment mode control
0:Double edge capture
1:Single edge capture
METT10
External trigger timer
mode control
0:Trigger start
1:Trigger start and stop
MPPG10
PPG output control
0:Continuous pulse generation
1:One-shot
TC10S
TC10 start control
Timer
Extrig-
ger
Event
Win-
dow
Pulse
PPG
R/W
00: Stop and counter clear
OOOOOO
01: Command start
O
––––
O
10: Rising edge start
(Ex-trigger/Pulse/PPG)
Rising edge count (Event)
Positive logic count (Window)
–
OOOOO
11: Falling edge start
(Ex-trigger/Pulse/PPG)
Falling edge count (Event)
Negative logic count (Window)
–
OOOOO
TC10CK
TC10 source clock select
[Hz]
NORMAL1/2, IDLE1/2 mode
Divider
SLOW,
SLEEP
mode
R/W
DV7CK = 0
DV7CK = 1
00
fc/211
fs/23
DV9
fs/23
01
fc/27
fc/27
DV5
–
10
fc/23
fc/23
DV1
–
11
External clock (TC10 pin input)
TC10M
TC10 operating mode
select
00: Timer/external trigger timer/event counter mode
01: Window mode
10: Pulse width measurement mode
11: PPG (Programmable pulse generate) output mode
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com