Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86FS23UG Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 47Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 48Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 49Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 50Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 51Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 52Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 53Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 54Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 252 page
background image
Page 39
TMP86FS23UG
3.3 Interrupt Sequence
An interrupt request, which raised interrupt latch, is held, until interrupt is accepted or interrupt latch is cleared to
“0” by resetting or an instruction. Interrupt acceptance sequence requires 8 machine cycles (2
µs @16 MHz) after the
completion of the current instruction. The interrupt service task terminates upon execution of an interrupt return
instruction [RETI] (for maskable interrupts) or [RETN] (for non-maskable interrupts). Figure 3-1 shows the timing
chart of interrupt acceptance processing.
3.3.1 Interrupt acceptance processing is packaged as follows.
a. The interrupt master enable flag (IMF) is cleared to “0” in order to disable the acceptance of any fol-
lowing interrupt.
b. The interrupt latch (IL) for the interrupt source accepted is cleared to “0”.
c. The contents of the program counter (PC) and the program status word, including the interrupt master
enable flag (IMF), are saved (Pushed) on the stack in sequence of PSW + IMF, PCH, PCL. Mean-
while, the stack pointer (SP) is decremented by 3.
d. The entry address (Interrupt vector) of the corresponding interrupt service program, loaded on the vec-
tor table, is transferred to the program counter.
e. The instruction stored at the entry address of the interrupt service program is executed.
Note:When the contents of PSW are saved on the stack, the contents of IMF are also saved.
Note 1: a: Return address entry address, b: Entry address, c: Address which RETI instruction is stored
Note 2: On condition that interrupt is enabled, it takes 38/fc [s] or 38/fs [s] at maximum (If the interrupt latch is set at the first
machine cycle on 10 cycle instruction) to start interrupt acceptance processing since its interrupt latch is set.
Figure 3-1 Timing Chart of Interrupt Acceptance/Return Interrupt Instruction
Example: Correspondence between vector table address for INTTBT and the entry address of the interrupt
service program
Figure 3-2 Vector table address,Entry address
a
b
a
c + 1
Execute
instruction
SP
PC
Execute
instruction
n
n
− 2
n - 3
n
− 2n − 1
n
− 1
n
a + 2
a + 1
c + 2
b + 3
b + 2
b + 1
a + 1
a
a
− 1
Execute RETI instruction
Interrupt acceptance
Execute
instruction
Interrupt service task
1-machine cycle
Interrupt
request
Interrupt
latch (IL)
IMF
D2H
03H
D203H
D204H
06H
Vector table address
Entry address
0FH
Vector
Interrupt
service
program
FFF2H
FFF3H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com