Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z35AV-10PC1F Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48Z35AV-10PC1F
Description  5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AV-10PC1F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48Z35AV-10PC1F Datasheet HTML 12Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 13Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 14Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 15Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 16Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 17Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 18Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 19Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DC and AC parameters
M48Z35AV
16/24
Table 8.
DC characteristics
Figure 11.
Power down/up mode AC waveforms
Table 9.
Power down/up AC characteristics
Symbol
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 3.0 to 3.6V (except where noted).
Min
Max
Unit
ILI
(2)
2.
Outputs deselected.
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
((2)
Output leakage current
0V
≤ VOUT ≤ VCC
±5
µA
ICC
Supply current
Outputs open
50
mA
ICC1
Supply current (TTL standby)
E = VIH
3mA
ICC2
Supply current (CMOS standby)
E = VCC – 0.2V
3
mA
VIL
Input low voltage
–0.3
0.8
V
VIH
Input high voltage
2.2
VCC + 0.3
V
VOL
Output low voltage
IOL = 2.1mA
0.4
V
VOH
Output high voltage
IOH = –1mA
2.4
V
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 3.0 to 3.6V (except where noted).
Min
Max
Unit
tPD
E or W at VIH before power down
0
µs
tF
(2)
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after
VCC passes VPFD (min).
VPFD (max) to VPFD (min) VCC fall time
300
µs
tFB
(3)
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
VPFD (min) to VSS VCC fall time
10
µs
tR
VPFD (min) to VPFD (max) VCC rise time
10
µs
tRB
VSS to VPFD (min) VCC rise time
1
µs
trec
VPFD (max) to inputs recognized
40
200
ms
AI01168C
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tPD
tRB
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
trec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com