Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z35AV-10PC1F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48Z35AV-10PC1F
Description  5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AV-10PC1F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48Z35AV-10PC1F Datasheet HTML 13Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 14Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 15Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 16Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 17Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 18Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 19Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 20Page - STMicroelectronics M48Z35AV-10PC1F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
M48Z35AV
DC and AC parameters
17/24
Table 10.
Power down/up trip points DC characteristics
Symbol
Parameter(1)(2)
1.
All voltages referenced to VSS.
2.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 3.0 to 3.6V (except where noted).
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
2.7
2.9
3.0
V
VSO
Battery back-up switchover voltage
VPFD – 100mV
V
tDR
(3)
3.
At 25°C, VCC = 0V.
Expected data retention time
10
YEARS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com