Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP1033AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP1033AF
Description  Domestic electrical appliances such as VTRs and CD players
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1033AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP1033AF Datasheet HTML 1Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 2Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 3Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 4Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 5Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 6Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 7Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 8Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP1032(F), TLP1033A(F)
2007-10-01
7
Distance d (mm)
TLP1032(F) Detection position
characteristic (1)
(typ.)
Distance d (mm)
TLP1032(F) Detection position
characteristic (2)
(typ.)
0
−0.4
0.2
0.4
0.6
0.8
1.0
1.2
−0.2
0
0.2
0.4
0.6
0.8
Ta
= 25°C
VCC = 3.3 V
RL = 10 kΩ
IF = 20 mA
Detection position
d
= 0 ± 0.3 mm
0
+
−
d
Shutter
0
8.2
0.2
0.4
0.6
0.8
1.0
1.2
7.0
7.2
7.4
7.6
7.8
8.0
Ta
= 25°C
VCC = 3.3 V
RL = 10 kΩ
IF = 20 mA
Detection position
d
= 7.95
mm
+1.25
−1.35
d
Shutter
Distance d (mm)
TLP1033A(F) Detection position
characteristic (1)
(typ.)
Distance d (mm)
TLP1033A(F) Detection position
characteristic (2)
(typ.)
0
−0.4
0.2
0.4
0.6
0.8
1.0
1.2
−0.2
0
0.2
0.4
0.6
0.8
Ta
= 25°C
VCC = 3.3 V
RL = 10 kΩ
IF = 20 mA
Detection position
d
= 0 ± 0.3 mm
0
+
−
d
Shutter
0
8.2
0.2
0.4
0.6
0.8
1.0
1.2
7.0
7.2
7.4
7.6
7.8
8.0
Ta
= 25°C
VCC = 3.3 V
RL = 10 kΩ
IF = 20 mA
Detection position
d
= 7.95
mm
+1.25
−1.35
d
Shutter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com