Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP1033AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP1033AF
Description  Domestic electrical appliances such as VTRs and CD players
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1033AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP1033AF Datasheet HTML 1Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 2Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 3Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 4Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 5Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 6Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 7Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 8Page - Toshiba Semiconductor TLP1033AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP1032(F), TLP1033A(F)
2007-10-01
3
Electrical and Optical Characteristics
(unless otherwise specified: Ta
= −30~95°C, VCC = 2.7~15 V)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA, Ta = 25°C
1.00
1.15
1.30
V
Reverse current
IR
VR = 5 V, Ta = 25°C
⎯
⎯
10
μA
Peak emission wavelength
λP
IF = 15 mA, Ta = 25°C
⎯
940
⎯
nm
Operating supply voltage
VCC
⎯
2.7
⎯
15
V
IF = *1, Ta = 25°C
⎯
⎯
1.6
Low-level supply current
ICCL
IF = *1
⎯
⎯
2.0
mA
IF = *2, Ta = 25°C
⎯
⎯
1.1
High-level supply current
ICCH
IF = *2
⎯
⎯
1.2
mA
IOL = 16 mA, IF = *1
Ta
= 25°C
⎯
0.05
0.3
Low-level output voltage
VOL
IOL = 16 mA, IF = *1
⎯
⎯
0.4
V
High-level output current
IOH
IF = *2, VO = 15 V
⎯
⎯
6.3
μA
Peak sensitivity wavelength
λP
Ta
= 25°C
⎯
900
⎯
nm
Ta
= 25°C
⎯
⎯
3
L
→ H threshold input current
IFLH
TLP1032(F)
⎯
⎯
4
mA
Ta
= 25°C
⎯
⎯
3
H
→ L threshold input current
IFHL
TLP1033A(F)
⎯
⎯
4
mA
TLP1032(F)
⎯
0.67
⎯
Hysteresis
IFHL/IFLH
⎯
TLP1033A(F)
⎯
1.5
⎯
⎯
TLP1032(F)
⎯
⎯
9
Propagation delay time (L
→ H)
tpLH
TLP1033A(F)
⎯
⎯
15
TLP1032(F)
⎯
⎯
15
Propagation delay time (H
→ L)
tpHL
TLP1033A(F)
⎯
⎯
9
TLP1032(F)
⎯
0.02
0.5
Rise time
tr
TLP1033A(F)
⎯
0.8
3
TLP1032(F)
⎯
0.8
3
Fall time
tf
VCC = 3.3 V
IF = 15 mA
RL = 10 kΩ
Ta
= 25°C
TLP1033A(F)
⎯
0.02
0.5
μs
*1
0 mA for the TLP1032(F); 15 mA for the TLP1033A(F).
*2
15 mA for the TLP1032(F); 0 mA for the TLP1033A(F).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com