Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM5N16FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM5N16FE
Description  High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5N16FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM5N16FE Datasheet HTML 1Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 2Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 3Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 4Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM5N16FE
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM5N16FE
High Speed Switching Applications
Analog Switching Applications
• Suitable for high-density mounting due to compact package
• Low on resistance: Ron = 3.0 Ω (max) (@VGS = 4 V)
: Ron = 4.0 Ω (max) (@VGS = 2.5 V)
: Ron = 15 Ω (max) (@VGS = 1.5 V)
Absolute Maximum Ratings (Ta = 25°C)
(Q1, Q2 Common)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
20
V
Gate-Source voltage
VGSS
±10
V
DC
ID
100
Drain current
Pulse
IDP
200
mA
Drain power dissipation (Ta
= 25°C)
PD(Note 1)
150
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Note 1: Total rating, mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 0.135 mm2 × 5)
Marking
Equivalent Circuit
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment
is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other
objects that come into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2P1B
0.3 mm
D S
5
4
1
2
3
54
123
Q1
Q2


Similar Part No. - SSM5N16FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5N16FU TOSHIBA-SSM5N16FU Datasheet
155Kb / 5P
High Speed Switching Applications
More results

Similar Description - SSM5N16FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
18-Dec-2001
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com