Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM5N16FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM5N16FE
Description  High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5N16FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM5N16FE Datasheet HTML 1Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 2Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 3Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 4Page - Toshiba Semiconductor SSM5N16FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM5N16FE
2007-11-01
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 Common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0
⎯
⎯
±1
μA
Drain-Source breakdown voltage
V (BR) DSS
ID = 0.1 mA, VGS = 0
20
⎯
⎯
V
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0
⎯
⎯
1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.6
⎯
1.1
V
Forward transfer admittance
⏐Yfs⏐
VDS = 3 V, ID = 10 mA
40
⎯
⎯
mS
ID = 10 mA, VGS = 4 V
⎯
1.5
3.0
ID = 10 mA, VGS = 2.5 V
⎯
2.2
4.0
Drain-Source ON resistance
RDS (ON)
ID = 1 mA, VGS = 1.5 V
⎯
5.2
15
Ω
Input capacitance
Ciss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
9.3
⎯
pF
Reverse transfer capacitance
Crss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
4.5
⎯
pF
Output capacitance
Coss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
9.8
⎯
pF
Turn-on time
ton
⎯
70
⎯
Switching time
Turn-off time
toff
VDD = 3 V, ID = 10 mA,
VGS = 0~2.5 V
⎯
125
⎯
ns
Switching Time Test Circuit
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = 100 μA for this
product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires lower
voltage than Vth. (Relationship can be established as follows: VGS (off) < Vth < VGS (on) )
Please take this into consideration for using the device.
(c) VOUT
(b) VIN
ton
90%
10%
0 V
2.5 V
10%
90%
toff
tr
tf
VDD
VDS (ON)
VDD = 3 V
Duty <= 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common Source
Ta
= 25°C
VDD
OUT
IN
2.5 V
0
10
μs
RL
(a) Test circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com