Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIF04ZPFC-01L Datasheet(PDF) 13 Page - Astec America, Inc

Part # AIF04ZPFC-01L
Description  AC-DC Converter Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF04ZPFC-01L Datasheet(HTML) 13 Page - Astec America, Inc

Back Button AIF04ZPFC-01L Datasheet HTML 9Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 10Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 11Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 12Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 13Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 14Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 15Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 16Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 17Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 13 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
Current Sharing (C SHARE)
To ensure that all modules in a parallel system accurately share current, the C SHARE pins on each module should be
connected together.
+O/P
-O/P
9
8
1
16
+O/P
-O/P
9
8
1
16
To C SHARE of
next module
From C SHARE of
previous module
To S GND of
next module
From S GND of
previous module
The voltage on the C SHARE pins represents the average load current per module. Each module compares this average with
its own current and adjusts its output voltage to correct the error. In this way the module maintains accurate current sharing
even under variable or light load conditions.
Note: 1) The S GND pins of each module must also be connected together to ensure accurate current sharing.
2) Current flow to S GND must less than 25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com