Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIF04ZPFC-01L Datasheet(PDF) 28 Page - Astec America, Inc

Part # AIF04ZPFC-01L
Description  AC-DC Converter Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF04ZPFC-01L Datasheet(HTML) 28 Page - Astec America, Inc

Back Button AIF04ZPFC-01L Datasheet HTML 23Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 24Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 25Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 26Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 27Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 28Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 29Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 30Page - Astec America, Inc AIF04ZPFC-01L Datasheet HTML 31Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 28 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
Brown Out Ride Through
Brown Out conditions occurs when there is a transient break in input current. During this period the external output bulk
capacitor holds up the voltage to the load until input current is restored. When the input voltage is restored the PFC module
will continue delivering power to the load
315V for Vadj to 76%
(390V for Vadj to 100%)
290V for Vadj to 76% 
(380V for Vadj to 100%)
280V
LOW
+O/P
-O/P
85 to 265Vac
L1
L2
9
8
1
16
+
Output to
AMPSSô
Modules or 
other load
APA
250V(Min)
INPUT VOLTAGE
OUTPUT VOLTAGE
PFW
BROWN OUT
AC INPUT
FOR BROWN OUT < 20ms
280V
LOW
LOW
250V(Min)
INPUT VOLTAGE
OUTPUT VOLTAGE
PFW
LD ENABLE
BROWN OUT
FOR BROWN OUT > 20ms
Load
Disabled
Charging of
Output Capacitor
315V for Vadj to 76%
(390V for Vadj to 100%)
290V for Vadj to 76%
(380V for Vadj to 100%)
After a Brown Out condition where the output voltage has not dropped below 250Vdc, the module will recover when input
power is restored. The PFW signal can be used to monitor input power loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com