Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EV-ADF4108EB2Z Datasheet(PDF) 3 Page - Analog Devices

Part # EV-ADF4108EB2Z
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-ADF4108EB2Z Datasheet(HTML) 3 Page - Analog Devices

  EV-ADF4108EB2Z Datasheet HTML 1Page - Analog Devices EV-ADF4108EB2Z Datasheet HTML 2Page - Analog Devices EV-ADF4108EB2Z Datasheet HTML 3Page - Analog Devices EV-ADF4108EB2Z Datasheet HTML 4Page - Analog Devices EV-ADF4108EB2Z Datasheet HTML 5Page - Analog Devices EV-ADF4108EB2Z Datasheet HTML 6Page - Analog Devices EV-ADF4108EB2Z Datasheet HTML 7Page - Analog Devices EV-ADF4108EB2Z Datasheet HTML 8Page - Analog Devices EV-ADF4108EB2Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADF4108
Rev. E | Page 3 of 20
SPECIFICATIONS
AVDD = DVDD = 3.3 V ± 2%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω, TA = TMIN to
TMAX, unless otherwise noted.
Table 1.
Parameter
B Version1
B Chips2
(Typ)
Unit
Test Conditions/Comments
RF CHARACTERISTICS
See Figure 11 for input circuit
RF Input Frequency (RFIN)
1.0/8.0
1.0/8.0
GHz min/max
For lower frequencies, ensure slew rate (SR) > 320 V/µs
RF Input Sensitivity
−5/+5
−5/+5
dBm min/max
Maximum Allowable Prescaler
Output Frequency3
300
300
MHz max
P = 8
325
325
MHz max
P = 16
REFIN CHARACTERISTICS
REFIN Input Frequency
20/250
20/250
MHz min/max
For f < 20 MHz, ensure SR > 50 V/µs
REFIN Input Sensitivity4
0.8/VDD
0.8/VDD
V p-p min/max
Biased at AVDD/25
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency6
104
104
MHz max
CHARGE PUMP
Programmable; see Figure 18
ICP Sink/Source
High Value
5
5
mA typ
With RSET = 5.1 kΩ
Low Value
625
625
µA typ
Absolute Accuracy
2.5
2.5
% typ
With RSET = 5.1 kΩ
RSET Range
3.0/11
3.0/11
kΩ typ
See Figure 18
ICP Three-State Leakage
1
1
nA typ
1 nA typical; TA = 25°C
Sink and Source Current Matching
2
2
% typ
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. VCP
1.5
1.5
% typ
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VIH, Input High Voltage
1.4
1.4
V min
VIL, Input Low Voltage
0.6
0.6
V max
IINH, IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
1.4
V min
Open-drain output chosen; 1 kΩ pull-up resistor to 1.8 V
VOH, Output High Voltage
VDD − 0.4
VDD − 0.4
V min
CMOS output chosen
IOH, Output High Current
100
100
µA max
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 µA
POWER SUPPLIES
AVDD
3.2/3.6
3.2/3.6
V min/max
DVDD
AVDD
AVDD
VP
AVDD/5.5
AVDD/5.5
V min/max
AVDD ≤ VP ≤ 5.5 V
IDD (AIDD + DIDD)7
17
17
mA max
15 mA typ
IP
0.4
0.4
mA max
TA = 25°C
Power-Down Mode (AIDD + DIDD)8
10
10
µA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com