Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA4808-AFR Datasheet(PDF) 2 Page - Microchip Technology

Part # ATMEGA4808-AFR
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4808-AFR Datasheet(HTML) 2 Page - Microchip Technology

  ATMEGA4808-AFR Datasheet HTML 1Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 2Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 3Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 4Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 5Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 6Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 7Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 8Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
–
SleepWalking peripherals
•
Power Down with limited wake-up functionality
•
Peripherals
–
One 16-bit Timer/Counter type A with dedicated period register, three compare channels (TCA)
–
Three 16-bit Timer/Counter type B with input capture (TCB)
–
One 16-bit Real Time Counter (RTC) running from external crystal or internal RC oscillator
–
Three USART with fractional baud rate generator, autobaud, and start-of-frame detection
–
Master/slave Serial Peripheral Interface (SPI)
–
Dual mode Master/Slave TWI with dual address match
•
Standard mode (Sm, 100 kHz)
•
Fast mode (Fm, 400 kHz)
•
Fast mode plus (Fm+, 1 MHz)
–
Event System for CPU independent and predictable inter-peripheral signaling
–
Configurable Custom Logic (CCL) with up to four programmable Lookup Tables (LUT)
–
One Analog Comparator (AC) with scalable reference input
–
One 10-bit 150 ksps Analog to Digital Converter (ADC)
–
Five selectable internal voltage references: 0.55V, 1.1V, 1.5V, 2.5V, and 4.3V
–
CRC code memory scan hardware
•
Optional automatic scan after reset
–
Watchdog Timer (WDT) with Window Mode, with separate on-chip oscillator
–
External interrupt on all general purpose pins
•
I/O and Packages:
–
27 programmable I/O lines
–
32-pin VQFN 5x5 and TQFP 7x7
•
Temperature Range: -40°C to 125°C
•
Speed Grades:
–
0-5 MHz @ 1.8V – 5.5V
–
0-10 MHz @ 2.7V – 5.5V
–
0-20 MHz @ 4.5V – 5.5V, -40°C to 105°C
ATmega3208/4808 – 32-pin Data Sheet
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com