Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA4808-AFR Datasheet(PDF) 43 Page - Microchip Technology

Part # ATMEGA4808-AFR
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4808-AFR Datasheet(HTML) 43 Page - Microchip Technology

Back Button ATMEGA4808-AFR Datasheet HTML 39Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 40Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 41Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 42Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 43Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 44Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 45Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 46Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
BOD Threshold vs. Temperature
Figure 6-39. BOD Threshold vs. Temperature (Level 1.8V)
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
-40
-20
0
20
40
60
80
100
120
Temperature [°C]
Falling VDD
Rising VDD
Figure 6-40. BOD Threshold vs. Temperature (Level 2.6V)
2.56
2.58
2.60
2.62
2.64
2.66
2.68
2.70
2.72
2.74
-40
-20
0
20
40
60
80
100
120
Temperature [°C]
Falling VDD
Rising VDD
ATmega3208/4808 – 32-pin Data Sheet
Typical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com