Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5EN-R3HML-500-N Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E5EN-R3HML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EN-R3HML-500-N Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E5EN-R3HML-500-N Datasheet HTML 11Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 12Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 13Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 14Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 15Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 16Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 17Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 18Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Basic-type Digital Temperature Controller
E5AN/E5EN
15
Operation
Setting Levels Diagram
This diagram shows all of the setting levels. To move to the advanced function setting level and calibration level, you must enter passwords. Some
parameters are not displayed depending on the protect level setting and the conditions of use.
Control stops when you move from the operation level to the initial setting level.
Basic Type
✽1. You can return to the operation level by executing a software reset.
✽2. It is not possible to move to other levels from the calibration level by operating the keys on the front panel.
It can be done only by first turning OFF the power.
✽3. From the manual control level, key operations can be used to move to the operation level only.
✽4. When the PF Setting parameter is set to A-M for a Controller with a PF Key (E5AN/E5EN).
✽5. When the PF Setting parameter is set to PFDP for a Controller with a PF Key (E5AN/E5EN)
Error Displays (Troubleshooting)
When an error occurs, the No.1 display shows the error code. Take necessary measure according to the error code, referring the table below.
Note: If the input value exceeds the display limit (-1999 to 9999), though it is within the control range,
will be displayed under -1999 and
above 9999. Under these conditions, control output and alarm output will operate normally.
For details on the control range, refer to the E5CN/E5AN/E5EN Digital Temperature Controllers User's Manual Basic Type (Cat. No. H156).
✽ These errors are displayed only when the PV/SP is displayed. Errors are not displayed for other displays.
No.1 display
Meaning
Action
Status at error
Control output
Alarm output
s.err (S. Err)
Input error
✽
Check the wiring of inputs for miswiring, disconnections, and short-circuits and check the
input type.
OFF
Operates as above
the upper limit.
e333 (E333)
A/D
converter
error
Turn the power OFF then back ON again. If the display remains the same, the controller must
be repaired. If the display is restored to normal, then a probable cause can be external noise
affecting the control system. Check for external noise.
OFF
OFF
e111 (E111)
Memory
error
Turn the power OFF then back ON again. If the display remains the same, the controller must
be repaired. If the display is restored to normal, then a probable cause can be external noise
affecting the control system. Check for external noise.
OFF
OFF
Start in manual mode.
25
100
c
25
100
c
a-m
Power ON
✽3
Manual
mode
Press the
O Key or the
PF Key for at least 1 s.
✽4
Press the
O Key
for at least 3 s while
a-m is displayed.
(
a-m will flash after
1st second.)
Operation
Level
Press the
O Key for
at least 1 s.
Press the
O Key
for at least 1 s.
Input password.
Input password while
amoV is displayed. (Set
value
−169)
Press the
O Key less than 1 s.
Press the
O Key for at
least 3 s. (Display will flash
after 1st second.)
Control stops.
Press the
O Key for less than 1 s.
Press the
O+ M
Keys for at
least 3 s.
(Display
will flash
after 1st
second.)
Protect Level
Control in progress
Level change
Not displayed for some models
Control stopped
Start in automatic mode.
Adjustment
Level
PF Key
✽5
PF Key
✽5
Initial Setting
Level
Manual
Control Level
Monitor/Setting
Item Level
Advanced Function
Setting Level
Calibration Level
Press the PF Key
for at least 1 s.
Communica-
tions Setting
Level
Press the
O+ M
Keys for at
least 1 s.
✽4
*1
Note: The time taken to
move to the protect
level can be adjusted
by changing the
“Move to protect level
time” setting.
✽2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com