Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5EN-R3HML-500-N Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E5EN-R3HML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EN-R3HML-500-N Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E5EN-R3HML-500-N Datasheet HTML 13Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 14Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 15Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 16Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 17Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 18Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 19Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 20Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Basic-type Digital Temperature Controller
E5AN/E5EN
17
M
M
M
M
M
M
a1lt
off
a2lt
off
a3lt
off
prlt
3
sero
off
cjc
on
rlrv
M
M
off
colr
red
pv-b
5.0
M
M
M
M
M
M
M
M
M
hsu
on
hsl
off
hsh
0.1
lba
0
lbal
8.0
lbab
3.0
out1
o
out2
none
M
init
off
M
M
M
M
M
M
M
M
mspu
off
spru
m
rest
a
sb1n
n-o
sb2n
n-o
sb3n
n-o
hbu
on
hbl
off
hbh
0.1
M
M
M
M
ra1m
0
ra2m
0
ra2
0
ra1
0
rac
0
M
M
M
M
pf
a-m
pfd1
1
pfd2
0
pfd3
0
M
M
M
M
M
spdp
4
odsl
o
pvdp
on
pvst
off
svst
off
M
M
pfd4
0
pfd5
0
M
M
cmov
0
inf
0.0
M
M
alfa
0.65
st-b
15.0
M
M
at-h
0.8
at-g
0.8
M
lcma
20.0
M
M
M
M
M
M
a1on
0
a2on
0
a3on
0
a1of
0
a2of
0
a3of
0
M
M
M
M
M
ocu
on
ocl
off
och
0.1
M
M
M
M
M
sub1
alm1
sub2
alm2
csel
on
t-u
m
alsp
sp-m
M
sub3
alm3
M
pvrp
4
csca
off
M
manl
off
M
M
M
pvad
off
o-dp
off
ret
off
M
istp
ins1
M
M
mvse
off
amad
off
rt
off
M
RT
M
25
0
PF
PF
PF
PF
Monitor/Setting Item Level
M
M
M
M
M
alt2
2
alt3
2
tr-t
off
tr-h
100.0
tr-l
0.0
M
o1-t
4-20
M
M
ev-m
1
ev-1
none
ev-2
stop
alh3
0.2
M
alh2
0.2
M
d.ref
0.25
(E5AN/E5EN only)
C
Monitor/Setting
Item Display 1
Note: The monitor/setting items to be displayed is set in the Monitor/Setting Item 1 to 5 parameters (advanced function setting level).
Monitor/Setting
Item Display 2
Monitor/Setting
Item Display 3
Monitor/Setting
Item Display 4
Monitor/Setting
Item Display 5
Press the
O Key for at least 1 s.
Advanced Function Setting Level
C
Alarm 2 Type
Alarm 3 Type
Alarm 2
Hysteresis
Alarm 3
Hysteresis
C
Transfer Output Type
Linear output
Transfer Output
Upper Limit
Transfer Output
Lower Limit
Linear Current Output
Linear output
Number of Multi-SP Uses
Two SPs: 1
Four SPs: 2
Event Input
Assignment 1
Event Input
Assignment 2
M
amov
0
M
sqr
off
M
Extraction of Square
Root Enable
Move to Advanced
Function Setting Level:
Displayed when initial
setting/communications
protect is set to 0.
Move by setting password (
−169).
Parameter Initialization
Multi-SP Uses
SP Ramp Time Unit
Standby Sequence
Reset
Auxiliary Output 1
Open in Alarm
Auxiliary Output 2
Open in Alarm
Auxiliary Output 3
Open in Alarm
HB ON/OFF
Heater Burnout Latch
C
C
Heater Burnout
Hysteresis
ST Stable Range
AT Calculated Gain
α
AT Hysteresis
C
Limit Cycle MV
Amplitude
Input Digital Filter
Additional PV Display
MV Display
Automatic Display
Return Time
Alarm 1 Latch
Alarm 2 Latch
Alarm 3 Latch
Move to Protect Level
Time
Input Error Output
Cold Junction
Compensation
Method
MB Command
Logic Switching
PV Change Color
PV Stable Band
Alarm 1 ON Delay
Alarm 2 ON Delay
Alarm 3 ON Delay
Alarm 1 OFF Delay
Alarm 2 OFF Delay
Alarm 3 OFF Delay
Input Shift Type
MV at Stop and Error
Addition
Auto/Manual Select
Addition
HS Alarm Use
HS Alarm Latch
HS Alarm Hysteresis
LBA Detection Time
C
C
LBA Level
LBA Band
Control Output 1
Assignment
Control Output 2
Assignment
Auxiliary Output 1
Assignment
Auxiliary Output 2
Assignment
Auxiliary Output 3
Assignment
(E5AN/E5EN only)
Character Select
Soak Time Unit
Alarm SP Selection
Manual MV
Limit Enable
PV Rate of Change
Calculation Period
Automatic Cooling
Coefficient Adjustment
Heater Overcurrent
Use
Heater Overcurrent
Latch
Heater Overcurrent
Hysteresis
Move to Calibration
Level
PF Setting
(E5AN/E5EN only)
Monitor/Setting Item 1
(E5AN/E5EN only)
Monitor/Setting Item 2
Monitor/Setting Item 3
Monitor/Setting Item 4
Monitor/Setting Item 5
"PV/SP" Display
Screen Selection
MV Display Selection
PV Decimal Point
Display
PV Status Display
Function
SV Status Display
Function
Display Refresh
Period
Control Output 1
ON/OFF Count
Monitor
Control Output 2
ON/OFF Count
Monitor
Control Output 1
ON/OFF Count
Alarm Set Value
Control Output 2
ON/OFF Count
Alarm Set Value
ON/OFF Counter
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com