Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECQE10123KFD Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQE10123KFD
Description  Plastic Film Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE10123KFD Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQE10123KFD Datasheet HTML 1Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 2Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 3Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 4Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 5Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 6Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 7Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 8Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ECQE(F) series
* In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
* Voltage to be applied to ECQE1A (F) & ECQE2A (F) is only sine wave (50 Hz or 60 Hz).
■ Packing quantity : 100 pcs./bag
0.010 μF to 2.2 μF (E12)
0.0056 μF to 2.2 μF (E12)
0.010 μF to 0.22 μF (E12)
0.56 μF to 10.0 μF (E12)
0.010 μF to 10.0 μF (E12)
400 V [DC]
Specifications
Dimensions
Packaging specifications for bulk package
 IR ≧ 10000 MΩ (20 ℃, 100 V [DC], 60 s)
 IR ≧ 2000 MΩ (20 ℃, 500 V [DC], 60 s)
1000 V [DC]
1250 V [DC]
1000 V [DC]
1250 V [DC]
C
≦ 0.33 μF : IR ≧ 9000 MΩ (20 ℃, 100 V [DC], 60 s)
C > 0.33 μF : IR
≧ 3000 MΩ ∙ μF (20 ℃, 100 V [DC], 60 s)
C
≦ 0.47 μF : IR ≧ 2000 MΩ (20 ℃, 500 V [DC], 60 s)
C > 0.47 μF : IR
≧ 3000 MΩ ∙ μF (20 ℃, 100 V [DC], 60 s)
125 V [AC]
250 V [AC]
 Between terminals to enclosure:1500 V [AC], 60 s
100V to 630V
[DC]
250 V [DC]
 Between terminals to enclosure:1500 V [AC], 60 s
 Between terminals:R.voltage (V) × 230 %, 60 s
Category temp. range
(Including temperature-rise on unit surface)
100V to 1250V
[DC]
−40 ℃ to +105 ℃
 Between terminals:R.voltage (V) × 175 %, 2 s to 5 s or 1000 V [AC], 60 s
 Between terminals: R.voltage (V [DC]) × 150 %, 60 s
(Derating of rated voltage by 1.25 %/°C at more than 85 °C)
125 V, 250 V [AC]
Rated voltage
125 V, 250 V
[AC]
−40 ℃ to +105 ℃
100 V, 250 V, 400 V, 630 V, 1000 V, 1250 V [DC]
Withstand voltage
100V to 630V
[DC]
250 V [AC]
Capacitance tolerance
±5 % (J), ±10 % (K)
Insulation resistance (IR)
125 V [AC]
250 V [AC]
0.0033 μF to 0.22 μF (E12)
0.010 μF to 0.068 μF (E12)
0.010 μF to 2.2 μF (E12)
Should a safety concern arise regarding this product, please be sure to contact us immediately.
29-Sep-23
Dissipation factor (tan δ)
tan δ
≦ 1.0 % (20 ℃, 1 kHz)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Capacitance range
100 V [DC]
1250 V [DC]
630 V [DC]
1000 V [DC]
125 V [AC]
Crimped lead
(Suffix B)
L max.
T max.
L max.
L max.
F
±1.0
S
±0.8
S
±0.8
Marking
Marking
Marking
Marking
Straight
Crimped lead
(Suffix B)
Cut lead
(Suffix Z)
Type B
Type D
ød
±0.05
Copper-clad
steel-wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com