Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECQE10123KFD Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECQE10123KFD
Description  Plastic Film Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE10123KFD Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECQE10123KFD Datasheet HTML 3Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 4Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 5Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 6Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 7Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 8Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 9Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 10Page - Panasonic Semiconductor ECQE10123KFD Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ECQE(F) series
■ Rated voltage [DC]:1000 V, 125 V [AC]*1, Capacitance tolerance:±5 %(J), ±10 %(K)
*
□:Capacitance tolerance code
Type D : 0.010 μF to 0.022 μF
()
:Suffix for lead crimped or taped type
Type B : 0.027 μF to 0.22 μF
*1
: This type has two rated voltage, one is DC rated voltage another is AC rated voltage.
DC rated voltage is 1000 V [DC], AC rated voltage is 125 V [AC].
Making for rated voltage is “1000 V, 125 V~ ”
When capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 Hz or
60 Hz sine wave) to a capacitor, please refer to the page of “Permissible voltage (R.M.S) in altering current
corresponding to DC rated voltage”.
When capacitors use in primary side of power source, the rated voltage is shown 125 V [AC]. Voltage to be applied
to capacitors in only sine wave (50 Hz or 60 Hz).
AC rated capacitors complying with clause 1 of “Electrical Appliance and Material Safety Law”. And not complying
with clause 2 of “Electrical Appliance and Material Safety Law”, in this case please use ECQUA type or ECQUL type.
ECQE10184
□F( )
ECQE10224
□F( )
500
−
300
400
500
400
500
0.18
0.22
ECQE10103
□F( )
ECQE10123
□F( )
ECQE10153
□F( )
ECQE10183
□F( )
ECQE10223
□F( )
ECQE10273
□F( )
ECQE10333
□F( )
ECQE10393
□F( )
ECQE10473
□F( )
ECQE10563
□F( )
ECQE10683
□F( )
ECQE10823
□F( )
ECQE10104
□F( )
ECQE10124
□F( )
0.068
0.082
0.10
0.12
0.15
0.027
0.033
0.039
0.047
0.056
ECQE10154
□F( )
26.0
9.0
10.0
10.5
12.0
15.5
15.5
15.5
15.5
15.5
21.0
21.0
21.0
21.0
21.0
21.0
21.0
21.0
26.0
26.0
26.0
20.0
22.0
23.0
6.0
6.0
7.0
7.5
7.5
6.0
6.5
7.0
7.5
7.5
8.5
9.0
10.0
27.0
28.0
11.0
12.0
12.5
13.0
15.5
13.0
14.0
14.5
15.5
17.0
18.0
18.5
20.0
18.5
23.0
23.5
25.0
23.5
25.0
18.0
19.0
19.5
20.5
22.0
16.0
17.0
17.5
20.0
22.5
17.5
22.5
22.5
22.5
22.5
17.5
17.5
17.5
17.5
12.5
12.5
12.5
12.5
12.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
1.5
1.5
1.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
Part No.
Cap.
(μF)
L
max.
T
max.
Min. order Q'ty (PCS)
Dimensions (
mm)
0.010
0.012
0.015
0.018
0.022
0.8
Rating · Dimensions · Quantity
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
29-Sep-23
H max.
F
S
G max.
ød
Straight
Odd size
7.5 mm
Straight
・
Crimped
lead
Bulk
Crimped
lead
Straight
Crimped
lead
Straight
Taping
0.8
0.8
0.6
0.6
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com