Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADBMS1818ASWAZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADBMS1818ASWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADBMS1818ASWAZ Datasheet HTML 48Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 49Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 50Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 51Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 52Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 53Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 54Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 55Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 52 of 92
Selecting Bias Resistors
The adjustable signal amplitude allows the system to trade power
consumption for communication robustness, and the adjustable
comparator threshold allows the system to account for signal loss-
es.
The isoSPI transmitter drive current and comparator voltage thresh-
old are set by a resistor divider (RBIAS = RB1 + RB2) between IBIAS
and V–. The divided voltage is connected to the ICMP pin, which
sets the comparator threshold to half of this voltage (VICMP). When
either isoSPI is enabled (not idle), IBIAS is held at 2 V, causing IB to
flow out of the IBIAS pin. The IPx and IMx pin drive currents are 20
× IB.
As an example, if the divider resistor, RB1, is 2.8 kΩ and resistor
RB2 is 1.21 kΩ (so that RBIAS = 4 kΩ), then
IB= 2 V
RB1 + RB2
 = 0.5 mA
IDRV = IIPx = IIMx = 20 × IB = 10 mA
VICMP = 2 V ×
RB2
RB1 + RB2
= IB × RB2 = 603 mV
VTCMP = 0.5 × VICMP = 302 mV
In this example, the pulse drive current IDRV is 10 mA, and the
receiver comparators detect pulses with IPx to IMx amplitudes
greater than ±302 mV.
If the isolation barrier uses 1:1 transformers connected by a twisted
pair and terminated with 120 Ω resistors on each end, then the
transmitted differential signal amplitude (±) is the following:
VA = IDRV ×
RM2
= 0.6 V
This calculation result ignores transformer and cable losses, which
may reduce the amplitude.
isoSPI Pulse Detail
Two ADBMS1818 devices can communicate by transmitting and
receiving differential pulses back and forth through an isolation
barrier. The transmitter can output three voltage levels: +VA, 0 V,
and –VA. A positive output results from IPx sourcing current and
IMx sinking current across the load resistor, RM. A negative voltage
is developed by IPx sinking and IMx sourcing. When both outputs
are off, the load resistance forces the differential output to 0 V.
To eliminate the dc signal component and enhance reliability, the
isoSPI uses two different pulse lengths. This allows four types of
pulses to be transmitted, as shown in Table 42. A +1 pulse is
transmitted as a positive pulse followed by a negative pulse. A
–1 pulse is transmitted as a negative pulse followed by a positive
pulse. The duration of each pulse is defined as t1/2PW because each
pulse is half of the required symmetric pair. (The total isoSPI pulse
duration is 2 × t1/2PW).
Table 42. isoSPI Pulse Types
Pulse Type
First Level
(t1/2PW)
Second Level
(t1/2PW)
Ending Level
Long +1
+VA (150 ns)
–VA (150 ns)
0 V
Long –1
–VA (150 ns)
+VA (150 ns)
0 V
Short +1
+VA (50 ns)
–VA (50 ns)
0 V
Short –1
–VA (50 ns)
+VA (50 ns)
0 V
The receiver is designed to detect each of these isoSPI pulse
types. For successful detection, the incoming isoSPI pulses (CSB
or data) must meet the following requirements:
►
t1/2PW of incoming pulse > tFILT of the receiver and
►
tINV of incoming pulse < tWNDW of the receiver
The worst-case margin (Margin 1) for the first condition is the
difference between the minimum t1/2PW of the incoming pulse and
the maximum tFILT of the receiver. Likewise, the worst-case margin
(Margin 2) for the second condition is the difference between
minimum tWNDW of the receiver and maximum tINV of the incoming
pulse. These timing relations are shown in Figure 83.
A host microcontroller does not have to generate isoSPI pulses to
use this 2-wire interface. The first ADBMS1818 in the system can
communicate to the microcontroller using the 4-wire SPI on its Port
A, then daisy chain to other ADBMS1818s using the 2-wire isoSPI
on its Port B. Alternatively, the LTC6820 can be used to translate
the SPI signals into isoSPI pulses.
Figure 83. isoSPI Pulse Detail
Operation with Port A Configured for SPI
When the ADBMS1818 is operating with Port A as a SPI (ISOMD
= V–), the SPI detects one of four communication events: CSB
falling, CSB rising, SCK rising with SDI = 0, and SCK rising with
SDI = 1. Each event is converted into one of the four pulse types
for transmission through the daisy chain. Long pulses are used to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com