Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADBMS1818ASWAZ Datasheet(PDF) 92 Page - Analog Devices

Part # ADBMS1818ASWAZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWAZ Datasheet(HTML) 92 Page - Analog Devices

Back Button ADBMS1818ASWAZ Datasheet HTML 84Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 85Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 86Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 87Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 88Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 89Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 90Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 91Page - Analog Devices ADBMS1818ASWAZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 92 / 92 page
background image
Data Sheet
ADBMS1818
OUTLINE DIMENSIONS
©2021-2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. B | 92 of 92
Figure 114. 64-Lead Low Profile Quad Flat Package, Exposed Pad [LQFP_EP]
(SW-64-2)
Dimensions shown in millimeters
Updated: May 12, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADBMS1818ASWAZ
-40°C to +85°C
LQFP 1.4 MM W/ THERMAL PAD
SW-64-2
ADBMS1818ASWAZ-R7
-40°C to +85°C
LQFP 1.4 MM W/ THERMAL PAD
Reel, 300
SW-64-2
ADBMS1818ASWAZ-RL
-40°C to +85°C
LQFP 1.4 MM W/ THERMAL PAD
Reel, 1500
SW-64-2
ADBMS1818ASWZ
-40°C to +85°C
64-Lead LQFP (10mm x 10mm w/ EP)
05-08-1982
ADBMS1818ASWZ-R7
-40°C to +85°C
64-Lead LQFP (10mm x 10mm w/ EP)
Reel, 300
05-08-1982
ADBMS1818ASWZ-RL
-40°C to +85°C
64-Lead LQFP (10mm x 10mm w/ EP)
Reel, 1500
05-08-1982
ADBMS1818CSWAZ
-40°C to +125°C
LQFP 1.4 MM W/ THERMAL PAD
SW-64-2
ADBMS1818CSWAZ-R7
-40°C to +125°C
LQFP 1.4 MM W/ THERMAL PAD
Reel, 300
SW-64-2
ADBMS1818CSWAZ-RL
-40°C to +125°C
LQFP 1.4 MM W/ THERMAL PAD
Reel, 1500
SW-64-2
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
EVAL-ADBMS1818Z
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com