Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA2129T/Q900/2 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCA2129T/Q900/2
Description  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129T/Q900/2 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCA2129T/Q900/2 Datasheet HTML 46Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 47Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 48Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 49Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 50Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 51Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 52Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 53Page - NXP Semiconductors PCA2129T/Q900/2 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
50 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
[1]
F0 is clocked at 32.768 kHz.
Table 73.
First increment of time circuits after stop release
Bit
STOP
Prescaler bits[1]
F0 to F8 - F9 to F14
1Hz tick
Time
hh:mm:ss
Comment
Clock is running normally
0
010000111-010100
12:45:12
prescaler counting normally
STOP bit is activated by user. F0 to F8 are not reset and values cannot be predicted externally
1
xxxxxxxxx-000000
12:45:12
prescaler is reset; time circuits are frozen
New time is set by user
1
xxxxxxxxx-000000
08:00:00
prescaler is reset; time circuits are frozen
STOP bit is released by user
0
xxxxxxxxx-000000
08:00:00
prescaler is now running
0
xxxxxxxxx-100000
08:00:00
0
xxxxxxxxx-100000
08:00:00
0
xxxxxxxxx-110000
08:00:00
::
:
0
111111111-111110
08:00:00
0
000000000-000001
08:00:01
0 to 1 transition of F14 increments the time circuits
0
100000000-000001
08:00:01
::
:
0
111111111-111111
08:00:01
0
000000000-000000
08:00:01
0
100000000-000000
::
:
0
111111111-111110
08:00:01
0
000000000-000001
08:00:02
0 to 1 transition of F14 increments the time circuits
Fig 26. STOP bit release timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com