Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320R2811PBKA Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320R2811PBKA
Description  Digital Signal Processors
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320R2811PBKA Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320R2811PBKA Datasheet HTML 85Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 86Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 87Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 88Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 89Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 90Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 91Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 92Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 153 page
background image
Electrical Specifications
89
June 2004 − Revised June 2006
SPRS257C
6.4
Current Consumption by Power-Supply Pins Over Recommended Operating Conditions
During Low-Power Modes at 150-MHz SYSCLKOUT (TMS320R281x)
MODE
TEST CONDITIONS
IDD
IDDIO
IDDA†
MODE
TEST CONDITIONS
TYP
MAX‡
TYP
MAX‡
TYP
MAX‡
Operational
All peripheral clocks are enabled. All PWM pins are toggled
at 100 kHz.
Data is continuously transmitted out of the SCIA, SCIB, and
CAN ports. The hardware multiplier is exercised.
Code is running out of internal SARAM.
210 mA
260 mA
20 mA
30mA
40 mA
50 mA
IDLE
− XCLKOUT is turned off
− All peripheral clocks are on, except ADC
140 mA
155 mA
20 mA
30 mA
5
µA
10
µA
STANDBY
− Peripheral clocks are turned off
− Pins without an internal PU/PD are tied high/low
5 mA
10 mA
5
µA
20
µA
5
µA
10
µA
HALT
− Peripheral clocks are turned off
− Pins without an internal PU/PD are tied high/low
− Input clock is disabled
70
µA
5
µA
10
µA
1
µA
† IDDA includes current into VDDA1, VDDA2, VDD1, AVDDREFBG, and VDDAIO pins.
‡ MAX numbers are at 125°C, and max voltage (VDD = 2.0 V; VDDIO, VDDA = 3.6 V).
NOTE:
HALT and STANDBY modes cannot be used when the PLL is disabled.
6.5
Current Consumption Graphs
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
SYSCLKOUT (MHz)
IDD
IDDIO
IDDA
Total 3.3−V current
NOTES: A. Test conditions are as defined in Table 6−4 for operational currents.
B. IDD represents the total current drawn from the 1.8-V rail (VDD). It includes a small amount of current (<1 mA) drawn
by VDD1.
C. IDDA represents the current drawn by VDDA1 and VDDA2 rails.
D. Total 3.3-V current is the sum of IDDIO and IDDA. It includes a trivial amount of current (<1 mA) drawn by VDDAIO.
Figure 6−1. Typical Current Consumption Over Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com