Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320R2811PBKA Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320R2811PBKA
Description  Digital Signal Processors
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320R2811PBKA Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320R2811PBKA Datasheet HTML 22Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 23Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 24Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 25Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 26Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 27Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 28Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 29Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 153 page
background image
Introduction
26
June 2004 − Revised June 2006
SPRS257C
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
AND
ZHH
POWER SIGNALS (CONTINUED)
VSS
G4
19
17
VSS
K1
32
26
VSS
L2
38
30
VSS
P4
52
39
VSS
K6
58
−
VSS
P8
70
53
VSS
M10
78
59
VSS
L11
86
62
Core and Digital I/O Ground Pins
VSS
K13
99
73
Core and Digital I/O Ground Pins
VSS
J14
105
−
VSS
G13
113
−
VSS
E14
120
88
VSS
B14
129
95
VSS
D10
142
−
VSS
C10
−
103
VSS
B8
153
109
VDDIO
J4
31
25
VDDIO
L7
64
49
VDDIO
L10
81
−
3.3-V I/O Digital Power Pins
VDDIO
N14
−
−
3.3-V I/O Digital Power Pins
VDDIO
G11
114
83
VDDIO
E9
145
104
VDDIO
N8
69
52
GPIO OR EVA SIGNALS
GPIOA0
PWM1 (O)
M12
92
68
I/O/Z
PU
GPIO or PWM Output Pin #1
GPIOA1
PWM2 (O)
M14
93
69
I/O/Z
PU
GPIO or PWM Output Pin #2
GPIOA2
PWM3 (O)
L12
94
70
I/O/Z
PU
GPIO or PWM Output Pin #3
GPIOA3
PWM4 (O)
L13
95
71
I/O/Z
PU
GPIO or PWM Output Pin #4
GPIOA4/PWM5 (O)
K11
98
72
I/O/Z
PU
GPIO or PWM Output Pin #5
GPIOA5
PWM6 (O)
K14
101
75
I/O/Z
PU
GPIO or PWM Output Pin #6
GPIOA6
T1PWM_T1CMP (I)
J11
102
76
I/O/Z
PU
GPIO or Timer 1 Output
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3. The pullups/pulldowns are enabled
in boundary-scan mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com