Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2292FET144/01 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC2292FET144/01
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292FET144/01 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC2292FET144/01 Datasheet HTML 31Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 32Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 33Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 34Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 35Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 36Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 37Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 38Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
LPC2292_2294_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 10 December 2007
35 of 54
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
8.1 Power consumption measurements for LPC2292/01 and LPC2294/01
The power consumption measurements represent typical values for the given conditions.
The peripherals were enabled through the PCONP register, but for these measurements,
the peripherals were not configured to run. Peripherals were disabled through the PCONP
register. For a description of the PCONP register bits, refer to the
LPC2119/2129/2194/2292/2294 User Manual.
Test conditions: Active mode entered executing code from on-chip flash; PCLK = CCLK
⁄
4;
Tamb =25 °C; core voltage 1.8 V.
Fig 6.
Typical LPC2292/01 IDD(act) measured at different frequencies
002aad102
0
10
20
30
40
50
12
20
28
36
44
52
60
frequency (MHz)
IDD(act)
(mA)
all peripherals disabled
all peripherals enabled
Test conditions: Active mode entered executing code from on-chip flash; PCLK = CCLK
⁄4;
Tamb = 25 °C; core voltage 1.8 V; all peripherals enabled but not active.
Fig 7.
Typical LPC2292/01 IDD(act) measured at different voltages
002aad103
1.65
1.80
1.95
60 MHz
48 MHz
12 MHz
0
10
20
30
40
50
voltage (V)
IDD(act)
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com