Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2292FET144/01 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2292FET144/01
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292FET144/01 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2292FET144/01 Datasheet HTML 1Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 2Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 3Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 4Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 5Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 6Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 7Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 8Page - NXP Semiconductors LPC2292FET144/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
LPC2292_2294_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 10 December 2007
3 of 54
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
3.1 Ordering options
LPC2294HBD144
LQFP144
plastic low profile quad flat package;
144 leads; body 20
× 20 × 1.4 mm
SOT486-1
LPC2294HBD144/00
LQFP144
plastic low profile quad flat package;
144 leads; body 20
× 20 × 1.4 mm
SOT486-1
LPC2294HBD144/01
LQFP144
plastic low profile quad flat package;
144 leads; body 20
× 20 × 1.4 mm
SOT486-1
Table 1.
Ordering information …continued
Type number
Package
Name
Description
Version
Table 2.
Ordering options
Type number
Flash
memory
RAM
CAN
Fast GPIO/
SSP/
Enhanced
UART, ADC,
Timer
Temperature range
LPC2292FBD144
256 kB
16 kB
2 channels
no
−40 °C to +85 °C
LPC2292FBD144/00 256 kB
16 kB
2 channels
no
−40 °C to +85 °C
LPC2292FBD144/01 256 kB
16 kB
2 channels
yes
−40 °C to +85 °C
LPC2292FET144/00
256 kB
16 kB
2 channels
no
−40 °C to +85 °C
LPC2292FET144/01
256 kB
16 kB
2 channels
yes
−40 °C to +85 °C
LPC2292FET144/G
256 kB
16 kB
2 channels
no
−40 °C to +85 °C
LPC2294HBD144
256 kB
16 kB
4 channels
no
−40 °C to +125 °C
LPC2294HBD144/00 256 kB
16 kB
4 channels
no
−40 °C to +125 °C
LPC2294HBD144/01 256 kB
16 kB
4 channels
yes
−40 °C to +125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com