Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL71043MEVAL1Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL71043MEVAL1Z
Description  Radiation Tolerant Low-Side GaN FET Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71043MEVAL1Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL71043MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
R34DS0001EU0102 Rev.1.02
Page 4
Oct 3, 2024
ISL71040M Datasheet
6OUTL
2
Output low pin that is the gate driver turn-off output. Connect this pin to the gate of the
GaN FET with a short, low inductance path. A series gate resistor can be used to
adjust the turn-off speed.
7OUTH
1
Output high pin that is the gate driver turn-on output. Connect this pin to the gate of
the GaN FET with a short, low inductance path. A series gate resistor can be used to
adjust the turn-on speed.
8VDRV
1
Internal linear regulator output and the gate drive voltage. Locally bypass this pin
using at least a 4.7µF ceramic capacitor; 2µF to 10µF with variability.
-EPAD
4
The exposed pad should be connected externally to VSSP. Put as many vias as
possible in this pad connecting to other PCB layers to improve heat dissipation.
ESD Circuits:
Pin Number
Pin Name
ESD
Circuit
Description
Circuit 1
Circuit 3
Circuit 4
Circuit 2
VSS
VSSP
VSSP
VSS
PIN #
PIN #
PIN #
7V
7V
7V
7V
7V
VSS
VSSP
VSS
VSSP
17V
17V
VDRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com