Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL71043MEVAL1Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL71043MEVAL1Z
Description  Radiation Tolerant Low-Side GaN FET Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71043MEVAL1Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL71043MEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL71043MEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
R34DS0001EU0102 Rev.1.02
Page 21
Oct 3, 2024
ISL71040M Datasheet
8.
Package Outline Drawing
For the most recent package outline drawing, see L8.4x4B.
L8.4x4B
8 Lead Thin Dual Flat No-Lead Plastic Package (TDFN)
Rev 0, 05/16
(4X)
0.15
TOP VIEW
4.00
4.00
B
2.45 ±0.10
8X 0.40 ±0.10
8
0.10
8X 0.30 ±0.05
BOTTOM VIEW
3
5
A B
C
M
PIN #1 INDEX AREA
5
1
2.4 REF
4
6X 0.80 BSC
3.38 ±0.10
0.75 ±0.05
SIDE VIEW
SEE DETAIL “X”
C
SEATING PLANE
0.08 C
0.10 C
DETAIL “X”
TYPICAL RECOMMENDED LAND PATTERN
INDEX AREA
5
PIN 1
0.05
C
M
8X 0.60
(3.80)
3.38
2.45
(6X 0.8)
(8X 0.30)
0.2 REF
C
0.05 MAX.
0.00 MIN.
4
Dimensions are in millimeters.
Dimensions in ( ) for Reference Only.
between 0.015mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensioning and tolerancing conform to ASME Y14.5M-1994.
either a mold or mark feature.
The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
Tiebar shown (if present) is a non-functional feature, and may
4
5
3.
2.
NOTES:
1.
be located on any of the 4 sides (or ends).
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com