Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72027ASEHX Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL72027ASEHX
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEHX Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL72027ASEHX Datasheet HTML 2Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 3Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 4Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 5Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 6Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 7Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 8Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 9Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
FN8862 Rev.1.00
Page 6 of 27
Jul 27, 2017
ISL72027ASEH
1. Overview
1.4
Equivalent Input and Output Schematic Diagrams
Figure 3. CANH and CANL Inputs
Figure 4. CANH Output
Figure 5. CANL Output
Figure 6. D Input
Figure 7. R Output
Figure 8. RS Input
Figure 9. VREF
VCC
30V
INPUT
GND
2k
7k
4k
35k
VCC
30V
OUTPUT
GND
30V
OUTPUT
GND
200k
10V
INPUT
GND
VCC
VCC
330k
10V
OUTPUT
GND
COLD SPARE
5
5
VCC
LO/LPSD
+
-
VCC
10k
10V
INPUT
GND
VCC
30V
OUTPUT
GND
1500
36V
LO / LPSD
36V
1500
LO / LPSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com