Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL72027ASEHX Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL72027ASEHX
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEHX Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL72027ASEHX Datasheet HTML 18Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 19Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 20Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 21Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 22Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 23Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 24Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 25Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
FN8862 Rev.1.00
Page 22 of 27
Jul 27, 2017
ISL72027ASEH
5. Die Characteristics
5.
Die Characteristics
Table 4. Die and Assembly Related Information
Die Information
Dimensions
2413µm x3322µm (95 milsx130.79 mils)
Thickness: 305µm ±25µm (12 mils ±1 mil)
Interface Materials
Glassivation
Type: 12kÅ Silicon Nitride on 3kÅ Oxide
Top Metallization
Type: 300Å TiN on 2.8µm AlCu
In Bondpads, TiN has been removed.
Backside Finish
Silicon
Process
P6SOI
Assembly Information
Substrate Potential
Floating
Additional Information
Worst Case Current Density
1.6x105A/cm2
Transistor Count
4055
Weight of Packaged Device
0.31 grams
Lid Characteristics
Finish: Gold
Potential: Grounded, tied to package Pin 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com