Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5202 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STI5202
Description  Low-cost set-top box decoder for H.264 and Microsoft VC1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5202 Datasheet(HTML) 6 Page - STMicroelectronics

  STI5202 Datasheet HTML 1Page - STMicroelectronics STI5202 Datasheet HTML 2Page - STMicroelectronics STI5202 Datasheet HTML 3Page - STMicroelectronics STI5202 Datasheet HTML 4Page - STMicroelectronics STI5202 Datasheet HTML 5Page - STMicroelectronics STI5202 Datasheet HTML 6Page - STMicroelectronics STI5202 Datasheet HTML 7Page - STMicroelectronics STI5202 Datasheet HTML 8Page - STMicroelectronics STI5202 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical applications
STi5202
6/9
The audio subsystem includes:
●
Digital audio decoder
–
Support for all the most popular audio standards including WMA-9, WMA-9 Pro,
MPEG-1 layer I/II, MPEG-2 layer II, MPEG-2 AAC, MPEG-4 AAC LC 2-
channel/5.1 channel MPEG-4 AAC+SBR 2-channel/5.1 channel, Dolby® Digital
EX, Pro Logic® II, MLP™ and DTS®
–
PCM mixing with internal or external source and sample rate conversion
–
6- to 2-channel downmixing
–
PCM audio input
–
Independent multichannel PCM output, S/PDIF output and analog output
●
Stereo 24-bit audio DAC for analog output
●
IEC958/IEC1937 digital audio output interface (S/PDIF)
●
CSS/CPxM copy protection hardware
Available interfaces include:
●
External memory interface (EMI)
–
16-bit interface supporting ROM, flash, SFlash, SRAM, peripherals
–
Access in 5 banks
–
High speed synchronous mode for interconnecting two STi5202 devices
●
External microprocessor interface (EMPI)
–
32-bit MPX satellite, target-only interface
–
Synchronous operation at MPX clock speed, capable of 100 MHz
●
Local memory interface (LMI)
–
Interface (1 x 32-bit) for DDR1 200-MHz (DDR400) memories, supports 128-,
256-, 512-Mbit, and 1-Gbit devices
●
USB 2.0 host controller/PHY interface
●
100BT ethernet controller, MAC and MII/RMII
On-chip peripherals:
–
4 ASCs (UARTs) with Tx and Rx FIFOS, two of which can be used in smartcard
interfaces
–
2 smartcard interfaces and clock generators (improved to reduce external
circuitry)
–
3 SSCs for I²C/SPI master slaves interfaces
–
Serial communications interface (SCIF)
–
2 PWM outputs
–
Teletext serializer and DMA module
–
6 banks of general purpose I/O, 3.3 V tolerant
–
SiLabs line-side (DAA) interface
–
Modem analog front end (MAFE) interface
–
Infrared transmitter/receiver supporting RC5, RC6 and RECS80 codes
–
UHF remote receiver input interface
–
Interrupt level controller and external interrupts, 3.3 V tolerant
–
Low power/RTC/watchdog controller
–
Integrated VCXO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com