Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI5202 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5202
Description  Low-cost set-top box decoder for H.264 and Microsoft VC1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5202 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5202 Datasheet HTML 1Page - STMicroelectronics STI5202 Datasheet HTML 2Page - STMicroelectronics STI5202 Datasheet HTML 3Page - STMicroelectronics STI5202 Datasheet HTML 4Page - STMicroelectronics STI5202 Datasheet HTML 5Page - STMicroelectronics STI5202 Datasheet HTML 6Page - STMicroelectronics STI5202 Datasheet HTML 7Page - STMicroelectronics STI5202 Datasheet HTML 8Page - STMicroelectronics STI5202 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2007
Rev 1
1/9
9
STi5202
Low-cost set-top box decoder for H.264 and Microsoft VC1
Features
■ Single-chip, video decoder including
– Linux®, Windows® CE and OS21
compatible ST40 CPU core: 266 MHz
– Transport filtering and descrambling
– Video decoder: VC-1 (including WMV 9),
H.264 (MPEG-4 part 10) and MPEG-2
–SVP compliant
–Windows Media™ DRM support
– ST40 32-bit superscaler RISC CPU
■ Embedded interfaces
– USB 2.0 host controller/PHY interface
– DVI/HDMI™ output
– Digital audio and video auxiliary inputs
– Low-cost modem
– 100BT ethernet controller with integrated
MAC and MII/RMII interface for external
PHY
Description
The STi5202 is a new generation, set-top
box/DVD decoder chip, and provides very high
performance for low-cost systems. STi5202
includes both VC1 and H.264 video decoders for
new, low bit rate applications.
.
CP
ST40 core 266 MHz
UDI
16 K Icache
MMU
Int. control
32 K Dcache
Digital
video input
DEI
S/PDIF
2-ch
PCM in
SD
video in
DENC
3x
SSCs
4x
UARTs
ILC
2x I/F
SmCard
6x GPIO
PWM
MAFE
interface
IR
Tx/Rx
STBus
Main video
display
FDMA
AudioL
TSmerger/router
Display
compositor
2D gamma
blitter
DACs
Output stage
Main video
output (ED)
YPbPr
Aux video
output (SD)
YC/CVBS
USB
AudioR
2 x PDES
Clock
generator
5 x 2-ch
PCM out
Peripheral I/O
and external interrupts
TSIN0
NRSS-A
TSIN1 TS I/O
and system
services
DACs
CUR
3 x GDP
Aux video
display
Audio decoder
and interfaces
Audio
DACs
PTI
Video decoder
VC-1 (inc WMV 9)
H264/MPEG-2
2.0
LMI
32
SDRAM
DDR
System
ST231
core
ST231
core
Ethernet,
MII/RMII
MII/RMII for 100BT
Ethernet
EMI
Flash
or companion chip
EMPI
PTI
Digital
video
output
DVI-HDCP
HDMI
Main video
output (ED)
www.st.com


Similar Part No. - STI5202

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI5205 STMICROELECTRONICS-STI5205 Datasheet
93Kb / 8P
High-performance advanced SD decoder for set-top box
10-Nov-2008
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
Advanced SD decoder for set-top box applications
23-Jul-2010
More results

Similar Description - STI5202

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI7109 STMICROELECTRONICS-STI7109 Datasheet
207Kb / 9P
Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9
19-Dec-2006
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
19-Dec-2007
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI5211 STMICROELECTRONICS-STI5211 Datasheet
108Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
28-Jun-2010
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
19-Dec-2006
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
20-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com