Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWH16113HVC Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWH16113HVC
Description  Plastic Film Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH16113HVC Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWH16113HVC Datasheet HTML 1Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 2Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 3Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 4Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 5Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ECWH(V) series
■ Rated voltage [DC]:1000 V, Capacitance tolerance:±3 %(H), ±5 %(J)
*
□:Capacitance tolerance code
()
:Suffix for lead crimped or taped type
Rating · Dimensions · Quantity
0.0075
0.0082
0.010
0.011
0.013
0.015
0.051
18.0
ECWH10243
□V( )
ECWH10273
□V( )
ECWH10303
□V( )
ECWH10333
□V( )
ECWH10363
□V( )
0.039
0.043
ECWH10433
□V( )
ECWH10393
□V( )
15.0
15.0
15.0
15.0
15.0
15.0
18.0
0.012
0.016
0.068
0.075
0.091
0.10
23.0
23.0
23.0
23.0
23.0
23.0
23.0
23.0
23.0
0.018
0.020
0.022
0.024
0.027
0.030
0.033
11.5
24.5
25.5
18.0
18.0
18.0
18.0
18.0
18.0
23.0
23.0
7.5
8.0
22.5
22.5
24.0
18.0
18.0
23.0
21.5
7.5
9.0
26.0
12.5
12.5
13.0
13.5
13.5
14.0
14.5
15.0
15.0
15.5
16.5
16.5
17.0
17.5
17.5
18.0
19.0
19.5
20.5
21.0
17.5
17.5
13.5
15.0
20.0
20.0
20.0
500
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
400
300
400
500
15.0
15.0
15.0
Straight
・
Crimped
lead
Bulk
7.5 mm
Taping
Dimensions (mm)
T
max.
L
max.
Min. order Q'ty (PCS)
18.0
300
6.5
10.0
10.0
10.0
15.0
15.0
15.0
15.0
16.0
16.5
15.0
21.5
21.0
21.5
8.5
8.5
20.0
20.0
15.0
15.0
20.0
20.0
20.0
Part No.
Capaci-
tance
(μF)
H max.
F
S
ød
Straight
Crimped
lead
Straight
Crimped
lead
ECWH10823
□V( )
0.082
23.0
11.0
20.0
25.0
20.0
15.0
0.8
0.8
0.8
20.0
ECWH10683
□V( )
ECWH10563
□V( )
23.0
ECWH10513
□V( )
0.8
0.8
0.8
15.0
15.0
15.0
9.0
9.5
10.0
10.5
0.056
20.0
20.0
9.5
22.0
ECWH10913
□V( )
0.8
0.8
12.0
0.8
0.8
0.8
0.8
0.8
0.8
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
19.5
20.0
20.0
ECWH10183
□V( )
ECWH10203
□V( )
ECWH10223
□V( )
18.0
18.5
18.5
18.5
19.0
19.0
18.0
10.0
10.0
15.0
8.0
8.5
15.0
15.0
15.0
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
ECWH10752
□V( )
ECWH10822
□V( )
ECWH10912
□V( )
18.0
ECWH10473
□V( )
ECWH10623
□V( )
ECWH10104
□V( )
0.0091
18.0
ECWH10103
□V( )
ECWH10113
□V( )
ECWH10123
□V( )
ECWH10133
□V( )
ECWH10153
□V( )
ECWH10163
□V( )
13.0
6.0
6.0
6.0
6.5
6.5
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
18.0
18.0
7.0
7.0
7.5
14.0
0.8
15.0
15.0
15.0
0.036
0.047
0.062
7.5
20.0
16.0
8.5
9.5
16.0
21.0
20.5
21.0
ECWH10753
□V( )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com