Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWH16113HVC Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # ECWH16113HVC
Description  Plastic Film Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH16113HVC Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button ECWH16113HVC Datasheet HTML 12Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 13Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 14Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 15Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 16Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 17Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 18Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 19Page - Panasonic Semiconductor ECWH16113HVC Datasheet HTML 20Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Matters to Be Observed When Using This Product
■ When a voltage V (V) is applied to a capacitor C (farad or F), the charge quantity Q (C) is given as Q = C・V.
At this time, the charge current I (A) flowing through the capacitor is given as I = dQ/dt. It follows, therefore, that the pulse
current I (A) is given as the product of the capacitance C (µF) and the voltage variation per time dV/dt, that is, I = C
・dV/dt.
<Allowable dV/dt value of ECQE(F) to which a pulse current is applied 10000 times or less>
From the above table, which indicates that the allowable dV/dt value of ECQE4224KF (rated voltage 400 V DC,
capacitance 0.22 µF) is 37, the allowable pulse current value of ECQE4224KF is calculated at 8 Ao-p. Ensure,
however, that the RMS current value is equal to or lower than the allowable RMS current value.
23-Apr-25
Capacitance
(μF)
Type
ECQE(F)
ECQE(F)
ECQE(F)
333 (0.033)
ECQE(F)
100 V DC
250 V DC
400 V DC
630 V DC
103 (0.010)
116
683 (0.068)
153 (0.015)
183 (0.018)
223 (0.022)
273 (0.027)
123 (0.012)
393 (0.039)
63
334 (0.33)
394 (0.39)
18
474 (0.47)
33
224 (0.22)
274 (0.27)
48
105
 (1.0)
125
 (1.2)
48
131
273
275 (2.7)
104 (0.10
)
124 (0.12)
37
154 (0.15)
184 (0.18)
78
473 (0.047)
563 (0.056)
564 (0.56)
22
22
684 (0.68)
824 (0.82)
823 (0.082)
335 (3.3)
395 (3.9)
6
475 (4.7)
8
565 (5.6)
685 (6.8)
825 (8.2)
106 (10.0)
11
155
 (1.5)
18
185 (1.8)
10
225 (2.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com