Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS32K112BFT0V Datasheet(PDF) 70 Page - NXP Semiconductors

Part # FS32K112BFT0V
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0V Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button FS32K112BFT0V Datasheet HTML 66Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 67Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 68Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 69Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 70Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 71Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 72Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 73Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
Table 41. Thermal characteristics for 32-pin QFN and 48/64/100/144/176-pin LQFP package
Rating
Conditions
Symbol
Package
Values
Unit
S32K116
S32K118 S32K142 S32K144 S32K146 S32K148
Thermal resistance, Junction to Ambient
(Natural Convection)1, 2
Single layer
board (1s)
RθJA
32
93
NA
NA
NA
NA
NA
°C/W
48
79
71
70
69
NA
NA
64
NA
62
61
61
59
NA
100
NA
NA
53
52
51
46
144
NA
NA
NA
NA
51
44
176
NA
NA
NA
NA
NA
42
Thermal resistance, Junction to Ambient
(Natural Convection)1
Two layer
board (1s1p)
RθJA
32
50
NA
NA
NA
NA
NA
48
58
50
49
48
NA
NA
64
NA
46
45
45
44
NA
100
NA
NA
42
42
40
36
144
NA
NA
NA
NA
44
37
176
NA
NA
NA
NA
NA
36
Thermal resistance, Junction to Ambient
(Natural Convection)1, 2
Four layer
board (2s2p)
RθJA
32
32
NA
NA
NA
NA
NA
48
55
47
46
45
NA
NA
64
NA
44
43
43
41
NA
100
NA
NA
40
40
39
34
144
NA
NA
NA
NA
42
36
176
NA
NA
NA
NA
NA
35
Thermal resistance, Junction to Ambient
(@200 ft/min)1, 3
Single layer
board (1s)
RθJMA
32
77
NA
NA
NA
NA
NA
48
66
58
57
57
NA
NA
64
NA
50
49
49
48
NA
100
NA
NA
43
42
41
37
144
NA
NA
NA
NA
42
36
176
NA
NA
NA
NA
NA
34
Thermal resistance, Junction to Ambient
(@200 ft/min)1
Two layer
board (1s1p)
RθJMA
32
43
NA
NA
NA
NA
NA
48
51
43
42
41
NA
NA
64
NA
39
38
38
37
NA
100
NA
NA
35
35
34
30
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com