Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS32K112BFT0V Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FS32K112BFT0V
Description  NXP Semiconductors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BFT0V Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FS32K112BFT0V Datasheet HTML 67Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 68Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 69Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 70Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 71Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 72Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 73Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 74Page - NXP Semiconductors FS32K112BFT0V Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
Table 41. Thermal characteristics for 32-pin QFN and 48/64/100/144/176-pin LQFP package
(continued)
Rating
Conditions
Symbol
Package
Values
Unit
S32K116
S32K118 S32K142 S32K144 S32K146 S32K148
144
NA
NA
NA
NA
37
31
176
NA
NA
NA
NA
NA
30
Thermal resistance, Junction to Ambient
(@200 ft/min)1, 3
Four layer
board (2s2p)
RθJMA
32
26
NA
NA
NA
NA
NA
48
48
41
40
39
NA
NA
64
NA
37
36
36
35
NA
100
NA
NA
34
34
33
28
144
NA
NA
NA
NA
36
30
176
NA
NA
NA
NA
NA
29
Thermal resistance, Junction to Board4
—
RθJB
32
11
NA
NA
NA
NA
NA
48
33
24
23
23
NA
NA
64
NA
26
25
25
23
NA
100
NA
NA
25
25
24
19
144
NA
NA
NA
NA
30
24
176
NA
NA
NA
NA
NA
24
Thermal resistance, Junction to Case 5
—
RθJC
32
NA
NA
NA
NA
NA
NA
48
23
19
17
17
NA
NA
64
NA
14
13
12
11
NA
100
NA
NA
13
12
11
9
144
NA
NA
NA
NA
12
9
176
NA
NA
NA
NA
NA
9
Thermal resistance, Junction to Case
(Bottom) 6
—
RθJCBottom
32
1
NA
48
NA
64
100
144
176
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com