Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECS-200-10-33Q-RDP-TR Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECS-200-10-33Q-RDP-TR
Description  The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint. AEC-Q200 Qualified.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200-10-33Q-RDP-TR Datasheet(HTML) 2 Page - ECS, Inc.

  ECS-200-10-33Q-RDP-TR Datasheet HTML 1Page - ECS, Inc. ECS-200-10-33Q-RDP-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15351 West 109th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
DEVELOPED FREQUENCIES
Abbreviation
Frequency (MHZ)
80
8.000
100
10.000
120
12.000
122.8
12.288
130
13.000
135.6
13.560
143
14.31818
147.4
14.7456
160
16.000
163.8
16.384
184
18.432
196.6
19.6608
200
20.000
221
22.1184
240
24.000
245.7
24.576
250
25.000
260
26.000
270
27.000
286.3
28.63636
300
30.000
320
32.000
330
33.000
400
40.000
SOLDER PROFILE
Peak solder Temp +260°C Max 10 sec Max.
2 Cycles Max.
MSL 1, Lead Finish Au
POCKET TAPE DIMENSIONS (mm)
ECX-33Q
SMD CRYSTAL
Figure 1) Suggested Reflow Profile



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com