Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECS-200-10-33Q-RDP-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-200-10-33Q-RDP-TR
Description  The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint. AEC-Q200 Qualified.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200-10-33Q-RDP-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-200-10-33Q-RDP-TR Datasheet HTML 1Page - ECS, Inc. ECS-200-10-33Q-RDP-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-33Q
UNITS
MIN
TYP
MAX
Frequency
8.000
54.000
MHz
Mode of Oscillation
Fundamental
Frequency Tolerance*
@ +25°C
± 30
ppm
Frequency Stability*
-55 ~ +125°C
(DU Option)
± 100
ppm
Shunt Capacitance
Co
7
pF
Load Capacitance
Specify in P/N
6
20
Series
pF
Drive Level
DL
100
μW
Operating Temperature*
Topr
(DU Option)
-55
+125
°C
Storage Temperature
Tstg
-55
+125
°C
Aging (First Year)
@ +25°C ±3°C
±5
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
AVAILABLE OPTIONS
Tolerance
Stability
Temp Range
PACKAGING
Frequency (MHz)
ESR Ω Max.
8.000 ~ 9.999
500
10.000 ~ 15.999
100
16.000 ~ 19.999
80
20.000 ~ 23.999
60
24.000 ~ 54.000
40
Pad Connections
1
In/Out
2
Gnd
3
Out/In
4
Gnd
Figure 1) Top, Side, and Bottom
Crystal is symmetrical, pad 1 & 3 are interchangeable.
Chamfer on the bottom pad has no electrical
significance.
 Low Profile
 3.2 x 2.5 mm Footprint
 RoHS Compliant
 AEC-Q200 Qualified
20 = 20 pF
10 = 10 pF
S = Series
33Q =
ECX-33Q
D= ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm †
W = ±15 ppm †
K = ± 10 ppm †
Blank = ±30 ppm
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
TR =1K††
TR3=3K
Qty/Reel
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm
footprint. AEC-Q200 Qualified.
ECX-33Q
SMD CRYSTAL
ECX-33Q SMD CRYSTAL
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-200-20-33Q-DU-TR
* Specify available options in P/N.
† Contact ECS for availability over extended temp range.
†† JES-TR & JEN-TR 3K/Reel
200 = 20.000 MHz
See P/N Guide
L = -10 ~ +70°C
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C
Rev.2022
Figure 2) Suggested land
pattern
ECS
Request a Sample


Similar Part No. - ECS-200-10-33Q-RDP-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200-10-37B-CKY-TR ECS-ECS-200-10-37B-CKY-TR Datasheet
418Kb / 2P
SMD CRYSTAL
Rev.2022
ECS-200-10-37QZ-AES-TR ECS-ECS-200-10-37QZ-AES-TR Datasheet
411Kb / 2P
SMD CRYSTAL
Rev.2022
More results

Similar Description - ECS-200-10-33Q-RDP-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-64A ECS-ECX-64A_17 Datasheet
575Kb / 2P
The ECX-64A is a miniature SMD Crystal with a 6 x 3.5 mm 2 pad footprint
ECX-1247Q ECS-ECX-1247Q_17 Datasheet
605Kb / 2P
The ECX-1247Q is a very compact SMD Crystal with a 1.6 x 1.2 mm footprint
ECX-33Q ECS-ECX-33Q_18 Datasheet
578Kb / 2P
The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint
ECX-53 ECS-ECX-53_17 Datasheet
546Kb / 2P
The ECX-53 is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-53BQ ECS-ECX-53BQ_17 Datasheet
575Kb / 2P
The ECX-53BQ is a miniature SMD Crystal with a 3.2 x 5 mm
ECX-2236Q ECS-ECX-2236Q_17 Datasheet
616Kb / 2P
The ECX-2236Q is a miniature SMD Crystal with a 2.5 x 2.0 mm footprint
ECX-53B ECS-ECX-53B_17 Datasheet
571Kb / 2P
The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-64 ECS-ECX-64_17 Datasheet
545Kb / 2P
The ECX-64 is a miniature SMD Crystal with a 6 x 3.5 mm 4 pad footprint
ECX-1637Q ECS-ECX-1637Q_17 Datasheet
584Kb / 2P
The ECX-1637Q is a miniature SMD Crystal with a 2.0 x 1.6 mm footprint
ECX-34Q ECS-ECX-34Q_V01 Datasheet
310Kb / 2P
The ECX-34Q is a very compact SMD Tuning Fork Crystal with a 3.2 x 1.5 mm footprint. AEC-Q200 Qualified.
Rev.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com