Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5411IPGPR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5411IPGPR.B
Description  11 Bit, 105 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5411IPGPR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5411IPGPR.B Datasheet HTML 2Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 3Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 4Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 5Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 6Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 7Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 8Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 9Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADS5411
SLAS487A − SEPTEMBER 2005 − REVISED JANUANRY 2010
www.ti.com
6
PIN CONFIGURATION
15 16
D0(LSB)
DNC
DNC
DNC
DMID
GND
DRVDD
OVR
DNC
AVDD
GND
AVDD
GND
39
38
37
36
35
34
33
32
31
30
29
28
27
17
1
2
3
4
5
6
7
8
9
10
11
12
13
DRVDD
GND
VREF
GND
CLK
CLK
GND
AVDD
AVDD
GND
AIN
AIN
GND
18 19 20 21
PJY PACKAGE
(TOP VIEW)
51 50 49 48 47
52
46
44 43 42
45
22 23 24 25 26
41 40
14
GND
PIN ASSIGNMENTS
TERMINAL
NAME
NO.
DESCRIPTION
DRVDD
1, 33, 43
3.3 V power supply, digital output stage only
GND
2, 4, 7, 10, 13, 15,
17, 19, 21, 23, 25,
27, 29, 34, 42
Ground
VREF
3
2.4 V reference. Bypass to ground with a 0.1-
µF microwave chip capacitor.
CLK
5
Clock input. Conversion initiated on rising edge.
CLK
6
Complement of CLK, differential input
AVDD
8, 9, 14, 16, 18,
22, 26, 28, 30
5 V analog power supply
AIN
11
Analog input
AIN
12
Complement of AIN, differential analog input
C1
20
Internal voltage reference. Bypass to ground with a 0.1-
µF chip capacitor.
C2
24
Internal voltage reference. Bypass to ground with a 0.1-
µF chip capacitor.
DNC
31, 36, 37, 38
Do not connect
OVR
32
Overrange bit. A logic level high indicates the analog input exceeds full scale.
DMID
35
Output data voltage midpoint. Approximately equal to (DRVDD)/2
D0 (LSB)
39
Digital output bit (least significant bit); two’s complement
D1, D2, D3−D9
40, 41, 44−50
Digital output bits in two’s complement
D10 (MSB)
51
Digital output bit (most significant bit); two’s complement
DRY
52
Data ready output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com