Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5411IPGPR.B Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS5411IPGPR.B
Description  11 Bit, 105 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5411IPGPR.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5411IPGPR.B Datasheet HTML 9Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 10Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 11Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 12Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 13Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 14Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 15Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 16Page - Texas Instruments ADS5411IPGPR.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADS5411
SLAS487A − SEPTEMBER 2005 − REVISED JANUANRY 2010
www.ti.com
13
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS5411 is a 11 bit, 105 MSPS, monolithic pipeline
analog to digital converter. Its bipolar analog core
operates from a 5 V supply, while the output uses 3.3 V
supply for compatibility with the CMOS family. The
conversion process is initiated by the rising edge of the
external input clock. At that instant, the differential input
signal is captured by the input track and hold (T&H) and
the input sample is sequentially converted by a series
of small resolution stages, with the outputs combined in
a digital correction logic block. Both the rising and the
falling clock edges are used to propagate the sample
through the pipeline every half clock cycle. This process
results in a data latency of three clock cycles, after
which the output data is available as a 11 bit parallel
word, coded in binary two’s complement format.
INPUT CONFIGURATION
The analog input for the ADS5411 (see Figure 2)
consists of an analog differential buffer followed by a
bipolar track-and-hold. The analog buffer isolates the
source driving the input of the ADC from any internal
switching. The input common mode is set internally
through a 500
Ω resistor connected from 2.4 V to each
of the inputs. This results in a differential input
impedance of 1 k
Ω.
For a full-scale differential input, each of the differential
lines of the input signal (pins 11 and 12) swings
symmetrically between 2.4 +0.55 V and 2.4 –0.55 V.
This means that each input is driven with a signal of up
to 2.4
±0.55 V, so that each input has a maximum signal
swing of 1.1 VPP for a total differential input signal swing
of 2.2 VPP. The maximum swing is determined by the
internal reference voltage generator eliminating any
external circuitry for this purpose.
The ADS5411 obtains optimum performance when the
analog inputs are driven differentially. The circuit in
Figure 22 shows one possible configuration using an
RF transformer with termination either on the primary or
on the secondary of the transformer. If voltage gain is
required a step up transformer can be used. For higher
gains that would require impractical higher turn ratios on
the transformer, a single-ended amplifier driving the
transformer can be used (see Figure 23). Another
circuit optimized for performance would be the one on
Figure 24, using the THS4304 or the OPA695. Texas
Instruments has shown excellent performance on this
configuration up to 10 dB gain with the THS4304 and at
14 dB gain with the OPA695. For the best performance,
they need to be configured differentially after the
transformer (as shown) or in inverting mode for the
OPA695 (see SBAA113); otherwise, HD2 from the op
amps limits the useful frequency.
R
0
50
W
Z
0
50
W
1:1
ADT1−1WT
R
50
W
AC Signal
Source
ADS5411
AIN
AIN
Figure 22. Converting a Single-Ended Input to a
Differential Signal Using RF Transformers
RT
100
Ω
+
−
OPA695
5 V
R1
400
Ω
ADS5411
CIN
RIN
0.1
µF
1:1
−5 V
R2
57.5
Ω
VIN
AV = 8V/V
(18 dB)
RS
100
Ω
1000
µF
RIN
AIN
AIN
Figure 23. Using the OPA695 With the ADS5411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com