Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474VCH6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32G474VCH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCH6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32G474VCH6 Datasheet HTML 65Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 66Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 67Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 68Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 69Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 70Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 71Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 72Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 232 page
background image
DS12288 Rev 1
69/232
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
78
-
-
-
-
-
B6
89
117
PD7
I/O
FT
-
TIM2_CH3,
USART2_CK,
QUADSPI1_BK2_IO3
,
FMC_NCE/FMC_NE
1, EVENTOUT
-
A5
41
40
56
72
A5
90
118
PB3
I/O
FT
(4)
JTDO-TRACESWO,
TIM2_CH2,
TIM4_ETR,
UCPD1_CRS_SYNC,
TIM8_CH1N,
SPI1_SCK,
SPI3_SCK/I2S3_CK,
USART2_TX,
TIM3_ETR,
FDCAN3_RX,
HRTIM1_SCOUT,
HRTIM1_EEV9,
SAI1_SCK_B,
EVENTOUT
-
C6
42
41
57
73
C5
91
119
PB4
I/O
FT_c
(4)
JTRST, TIM16_CH1,
TIM3_CH1,
TIM8_CH2N,
SPI1_MISO,
SPI3_MISO,
USART2_RX,
UART5_RTS_DE,
TIM17_BKIN,
FDCAN3_TX,
HRTIM1_EEV7,
SAI1_MCLK_B,
EVENTOUT
UCPD1_CC2
A6
43
42
58
74
B5
92
120
PB5
I/O
FT_f
-
TIM16_BKIN,
TIM3_CH2,
TIM8_CH3N,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI/I2S3_SD
, USART2_CK,
I2C3_SDA,
FDCAN2_RX,
TIM17_CH1,
LPTIM1_IN1,
SAI1_SD_B,
HRTIM1_EEV6,
UART5_CTS,
EVENTOUT
-
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Pin name
(function
after reset)(1)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com