Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474VCH6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32G474VCH6
Description  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VCH6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32G474VCH6 Datasheet HTML 16Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 17Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 18Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 19Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 20Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 21Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 22Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 23Page - STMicroelectronics STM32G474VCH6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 232 page
background image
Functional overview
STM32G474xB STM32G474xC STM32G474xE
20/232
DS12288 Rev 1
3.6
Multi-AHB bus matrix
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs) and the slaves
(Flash memory, RAM, FSMC, QUADSPI, AHB and APB peripherals). It also ensures a
seamless and efficient operation even when several high-speed peripherals work
simultaneously.
Figure 2. Multi-AHB bus matrix
3.7
Boot modes
At startup, a BOOT0 pin (or nBOOT0 option bit) and an nBOOT1 option bit are used to
select one of three boot options:
•
Boot from user Flash
•
Boot from system memory
•
Boot from embedded SRAM
The BOOT0 value may come from the PB8-BOOT0 pin or from an nBOOT0 option bit
depending on the value of a user nBOOT_SEL option bit to free the GPIO pad if needed.
The boot loader is located in the system memory. It is used to reprogram the Flash memory
by using USART, I2C, SPI, and USB through the DFU (device firmware upgrade).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com