Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLSK1100C Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLSK1100C
Description  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSK1100C Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLSK1100C Datasheet HTML 1Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 2Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 3Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 4Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 5Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 6Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 7Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 8Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TL(RK,RMK,SK,OK,YK)1100C(T11)
2007-10-01
4
TLRK1100C
Forward voltage VF (V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Wavelength characteristic
Ta = 25°C
Radiation pattern
1
1.6
1.8
2.0
2.2
2.4
10
100
30
3
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
0
580
620
640
660
700
0.2
0.4
0.6
0.8
1.0
IF = 20 mA
Ta
= 25°C
600
680
Ta
= 25°C
10
1000
1
50
500
300
100
30
50
3
5
10
30
100
0.1
−25
50
0.3
0.5
10
0
100
5
25
75
3
1
(typ.)
(typ.)
(typ.)
(typ.)
(typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com