Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLSK1100C Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLSK1100C
Description  Panel Circuit Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSK1100C Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLSK1100C Datasheet HTML 1Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 2Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 3Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 4Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 5Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 6Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 7Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 8Page - Toshiba Semiconductor TLSK1100C Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL(RK,RMK,SK,OK,YK)1100C(T11)
2007-10-01
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRK1100C
100
300
500
20
RA / SA / TA
TLRMK1100C
160
400
800
20
SA / TA / UA
TLSK1100C
250
500
1250
20
TA / UA / VA
TLOK1100C
250
500
1250
20
TA / UA / VA
TLYK1100C
160
400
800
20
SA / TA / UA
Unit
mcd
mcd
mcd
mA
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
RA
100
200
SA
160
320
TA
250
500
UA
400
800
VA
630
1250
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
Δλ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRK1100C
⎯
644
⎯
14
624
630
638
TLRMK1100C
⎯
636
⎯
14
620
626
634
TLSK1100C
⎯
623
⎯
14
607
613
621
TLOK1100C
⎯
612
⎯
14
599
605
613
TLYK1100C
⎯
592
⎯
13
583
590
595
20
Unit
nm
nm
nm
mA
The cautions
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com