Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SE2623L-R-EK1 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SE2623L-R-EK1
Description  SE2623L-R: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2623L-R-EK1 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SE2623L-R-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 10Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 11Page - Skyworks Solutions Inc. SE2623L-R-EK1 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DATA SHEET • SE2623L-R: 2.4 GHz HIGH POWER WIRELESS LAN POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202397J • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 11, 2020
11
S3374
Top Side
Bottom Side
0.10 C
See Note 3
2X
0.10 C
2X
3.000 ± 0.050
3.000 ± 0.050
1
2
3
4
1
2
3
4
12
11
10
9
12
11
10
9
5
6
78
5
6
7
8
16
15
14
13
16
13
14
15
–A–
–B–
–C–
Seating Plane
O.30 x 45°
0.850 ± 0.050
0.000 to 0.050
0.203 Ref.
0.500
R0.075
Typ.
1.700 ± 0.050
16X 0.375 ± 0.050
16X 0.230 ± 0.050
Notes:
1. All measurements are in millimeters.
2. Dimensions and tolerances according to ASME Y14.5M-1994.
Unless otherwise specified, the following values apply:
Decimal Tolerance:
Angular Tolerance:
X.X (1 place) ± 0.1 mm
±1°
X.XX (2 places) ± 0.05 mm
X.XXX (3 places) ± 0.025 mm
3. Terminal #1 identification mark located within marked area.
4. Unless specified, dimensions are symmetrical about center lines.
0.10 M C A B
0.05 M C
C
0.10
Figure 8. SE2623L-R Package Dimensions
S3377
2.00 ± 0.05)
(See Note 1)
4.00 ± 0.1
(See Note 2)
8.00 ± 0.10
3.30 ± 0.05
ø1.55 ± 0.05
ø1.00 Min.
1.75 ± 0.1
Pin 1
Indicator
0.30 ± 0.05
1.10 ± 0.10
A
A
A
R0.1 Typ.
Notes:
1. Measured from centerline of sprocket hole to centerline of pocket.
2. Cumulative tolerance of 10 sprocket holes: ±0.02 mm.
3. All measurements are in millimeters.
C
L
Figure 9. SE2623L-R Tape and Reel Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com