Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVLAW900XTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AVLAW900XTP
Description  900 MHz Outdoor Wireless Ethernet Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900XTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AVLAW900XTP Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900XTP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AW900xTP
Features
EXAMPLE:
Ultra long range, point-to-
multipoint wireless system
transmitting Ethernet data
across golf course
Screen Captures:
Web Browser-based
Management Tools
Product Brief
www.avalanwireless.com
Corporate headquarters
:: (866) 533.6216
Technical support
:: (650) 384.0000
This product features our popular xTR series radio technology integrated with
a high gain 12.5 dBi flat panel antenna. It provides a rugged, weatherproof
and easily mounted combination package for those applications that can ben-
efit from the increased range and decreased interference that a directional
signal provides. The AW900xTP includes a built-in spectrum analyzer and is IP
addressable with web browser based remote configuration and diagnostic tools
included.
The AW900xTP allows you to build non-line-of-sight, point-to-point or point-to-
multipoint wireless Ethernet links that connect “fringe” IP devices, including
IP access control readers, remote printers, remote PCs, VoIP phones, point-of-
sale devices, digital signage or industrial control devices. Obviously a point-
to-multipoint application will require an omnidirectional access point such as
our AW900xTR in order to receive signals from AW900xTP clients dispersed at
multiple angles.
These products are an ideal replacement for modest data rate installations
where 802.11 systems are under-performing or failing completely due to insuf-
ficient range or excessive interference. AvaLAN’s products offer the ideal com-
bination of price, range, data rate, security, interference avoidance, quality-
of-service, and a simple plug and play set up with minimal user programming
required.
The AW900xTP is also available as a pre-configured matched pair bridge. Order
the AW900xTP-PAIR.
900 MHz Outdoor Wireless Ethernet Panel
• Rugged cast aluminum NEMA Enclosure combined with a high
gain 12.5 dBi flat panel antenna
• Ready to install and use
• 13″ square, pole-mount bracket included
• Built-in spectrum analyzer
• 128 bit AES encryption, FIPS 197 - NIST Certified
• Remote diagnostics and link analysis with browser interface
• Radio can be configured as an access point or client
• Simple plug and play — minimal user
programming required
• Install up to 16 clients per access point
• Can operate up to 12 access points, each on its own non-
overlapping channel
• Does not require an FCC license to operate or install
• High RF output power provides maximum foliage and / or
wall penetration
• Line-of-sight range up to 25 miles
• Available as individual radios for multi-point systems or as a
pre-configured matched pair bridge, the AW900xTP-PAIR


Similar Part No. - AVLAW900XTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVLAW900XTPPAIR L-COM-AVLAW900XTPPAIR Datasheet
1Mb / 2P
900 MHz Outdoor Wireless Ethernet Panel
05.07.2010
More results

Similar Description - AVLAW900XTP

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0900BL15C050 JOHANSON-0900BL15C050 Datasheet
94Kb / 2P
900 MHz Balun
0900BL18B200 JOHANSON-0900BL18B200 Datasheet
141Kb / 2P
900 MHz Balun
0896BL14B050 JOHANSON-0896BL14B050 Datasheet
147Kb / 2P
900 MHz Balun
0900BL15A100 JOHANSON-0900BL15A100 Datasheet
128Kb / 2P
900 MHz Balun
0917BL18B100 JOHANSON-0917BL18B100 Datasheet
87Kb / 2P
900 MHz Balun
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
ATMEL Corporation
ATZB-900-B0 ATMEL-ATZB-900-B0 Datasheet
448Kb / 20P
ZigBit??700/800/900 MHz Wireless Modules
logo
World Produts Inc.
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
900 MHz ISM band Directional Panel Antenna
logo
Murata Manufacturing Co...
LG90E MURATA-LG90E Datasheet
1Mb / 6P
900 MHz FHSS DNT90/Ethernet Gateway
logo
PHOENIX CONTACT
2702877 PHOENIX-2702877 Datasheet
442Kb / 15P
Wireless module - RAD-900-DAIO6
Dec 6, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com