Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVLAW900XTP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AVLAW900XTP
Description  900 MHz Outdoor Wireless Ethernet Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVLAW900XTP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AVLAW900XTP Datasheet HTML 1Page - Infinite Electronics International, Inc. AVLAW900XTP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTIC
SPECIFICATION/DESCRIPTION
RF transmission rate
1.536 Mbps
Ethernet throughput
935 Kbps
Output power
+34 dBm (2.5 Watts EIRP)
Receiver Sensitivity
-110 dBm at 10-4 BER
Radio link budget
144 dB
Range
25 miles line-of-sight
Antenna 3 dB Beam Width
42º
Antenna Front-to-Back Ratio
>25 dB
RF channels/bandwidth
12 non-overlapping channels with 2.0833 MHz spacing and 1.75 MHz bandwidth
Frequency selection
Automatic or manually selectable via web browser interface.
Connector types
10/100 base T Ethernet RJ-45 with weatherproof sealing gasket
Error correction technique
Sub-block error detection and retransmission
Adjacent band rejection
SAW receiver filter attenuates cellular and pager interference
Power regulation
Built-in switching regulator
Browser management tools
QoS Statistics, Network Settings, Spectrum Analyzer, Firmware Upgrade
Power consumption
Transmit: 1.7 Watts Receive: 0.8 Watts
Voltage
9 to 48 VDC via unused pins in RJ-45 jack - pins 4,5 positive, 7,8 ground
Temperature range
-40º C to +80º C
Size
350 x 350 x 200 mm; 5 Kg Including pole-mount adapter
Compatibility
May be mixed in combination with AW900iTR and AW900xTR radios, not compatible with older
AW900x, AW900xT, AW900i and AW900iT.
System diagram
©2004 — 2010 AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other
trademarks are property of their respective owners. AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and
reserves the right to make changes to specifications and product descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual
property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its
own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining applications.
Technical specifications
Copyright 2004-2009
:: AvaLAN Wireless Systems Inc. :: All rights reserved
05.07.2010
<IP Addr.> 192.168.2.100
192.168.2.101
192.168.2.102
192.168.2.103
192.168.2.104
192.168.2.105
* There is a limit of 128 routable MAC addresses per
access point. This allows an Ethernet switch to be
attached to subscriber units (“Client” in image at
left), but limits to 128 the total number of Ethernet
devices to which the access point can connect.
** There is a limit of 16 active subscriber units for
each access point. A total of 12 access points (in the
900 MHz band) can be deployed to support up to 192
fixed subscriber units across a given site.
• Radios are IP addressable*, with Remote
Configuration & Diagnostic Tools
• Radios Support Multiple IP Addresses at
Each Remote Node**
AW900xTP
AW900xTP-PAIR
900 MHz Outdoor Wireless Ethernet Panel.
900 MHz Outdoor Ethernet Panel Bridge.
Contents:
• (1) AW900xTP Radio
• (1) Pole-mount Bracket
• (1) AW-POE Power Over Ethernet Injector
• (1) 110 VAC to 12 VDC power adapter
Contents:
• (2) AW900xTP Radios
• (2) Pole-mount Brackets
• (2) AW-POE Power Over Ethernet Injectors
• (2) 110 VAC to 12 VDC power adapters
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com