Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C031TMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DS90C031TMX/NOPB
Description  DS90C031 LVDS Quad CMOS Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90C031TMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS90C031TMX/NOPB Datasheet HTML 1Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 2Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 3Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 4Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 5Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 6Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 7Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 8Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS90C031
LVDS Quad CMOS Differential Line Driver
General Description
The DS90C031 is a quad CMOS differential line driver de-
signed for applications requiring ultra low power dissipation
and high data rates. The device is designed to support data
rates in excess of 155.5 Mbps (77.7 MHz) utilizing Low Volt-
age Differential Signaling (LVDS) technology.
The DS90C031 accepts TTL/CMOS input levels and trans-
lates them to low voltage (350 mV) differential output sig-
nals. In addition the driver supports a TRI-STATE® function
that may be used to disable the output stage, disabling the
load current, and thus dropping the device to an ultra low idle
power state of 11 mW typical.
The DS90C031 and companion line receiver (DS90C032)
provide a new alternative to high power psuedo-ECL devices
for high speed point-to-point interface applications.
Features
n >
155.5 Mbps (77.7 MHz) switching rates
n ±
350 mV differential signaling
n
Ultra low power dissipation
n
400 ps maximum differential skew (5V, 25˚C)
n
3.5 ns maximum propagation delay
n
Industrial operating temperature range
n
Military operating temperature range option
n
Available in surface mount packaging (SOIC) and (LCC)
n
Pin compatible with DS26C31, MB571 (PECL) and
41LG (PECL)
n
Compatible with IEEE 1596.3 SCI LVDS standard
n
Conforms to ANSI/TIA/EIA-644 LVDS standard
n
Available to Standard Microcircuit Drawing (SMD)
5962-95833
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line
DS011946-1
Order Number DS90C031TM
See NS Package Number M16A
LCC Package
DS011946-33
Order Number DS90C031E-QML
See NS Package Number E20A
For Complete Military Specifications,
refer to appropriate SMD or MDS.
June 1998
© 2000 National Semiconductor Corporation
DS011946
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com