Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C031TMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # DS90C031TMX/NOPB
Description  DS90C031 LVDS Quad CMOS Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90C031TMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS90C031TMX/NOPB Datasheet HTML 1Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 2Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 3Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 4Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 5Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 6Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 7Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 8Page - Texas Instruments DS90C031TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +6V
Input Voltage (D
IN)
−0.3V to (V
CC + 0.3V)
Enable Input Voltage (EN, EN*)
−0.3V to (V
CC + 0.3V)
Output Voltage (D
OUT+,DOUT−)
−0.3V to (V
CC + 0.3V)
Short Circuit Duration
(D
OUT+,DOUT−)
Continuous
Maximum Package Power Dissipation @ +25˚C
M Package
1068 mW
E Package
1900 mW
Derate M Package
8.5 mW/˚C above +25˚C
Derate E Package
12.8 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
Soldering (4 sec.)
+260˚C
Maximum Junction Temperature
(DS90C031T)
+150˚C
Maximum Junction Temperature
(DS90C031E)
+175˚C
ESD Rating (Note 7)
(HBM, 1.5 k
Ω, 100 pF)
≥ 3,500V
(EIAJ, 0
Ω, 200 pF)
≥ 250V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+4.5
+5.0
+5.5
V
Operating Free Air Temperature (T
A)
DS90C031T
−40
+25
+85
˚C
DS90C031E
−55
+25
+125
˚C
Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
OD1
Differential Output Voltage
R
L = 100Ω (Figure 1)DOUT−,
D
OUT+
250
345
450
mV
∆V
OD1
Change in Magnitude of V
OD1
for Complementary Output
States
4
35
|mV|
V
OS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Change in Magnitude of V
OS for
Complementary Output States
5
25
|mV|
V
OH
Output Voltage High
R
L = 100Ω
1.41
1.60
V
V
OL
Output Voltage Low
0.90
1.07
V
V
IH
Input Voltage High
D
IN,
EN,
EN*
2.0
V
CC
V
V
IL
Input Voltage Low
GND
0.8
V
I
I
Input Current
V
IN =VCC, GND, 2.5V or 0.4V
−10
±1
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
OS
Output Short Circuit Current
V
OUT = 0V (Note 8)
D
OUT−,
D
OUT+
−3.5
−5.0
mA
I
OZ
Output TRI-STATE Current
EN = 0.8V and EN* = 2.0V,
V
OUT =0VorVCC
−10
±1
+10
µA
I
CC
No Load Supply Current
Drivers Enabled
D
IN =VCC or GND
DS90C031T
V
CC
1.7
3.0
mA
D
IN = 2.5V or 0.4V
4.0
6.5
mA
I
CCL
Loaded Supply Current
Drivers Enabled
R
L = 100Ω All Channels
V
IN =VCC or GND
(all inputs)
DS90C031T
15.4
21.0
mA
DS90C031E
15.4
25.0
mA
I
CCZ
No Load Supply Current
Drivers Disabled
D
IN =VCC or GND
EN = GND, EN* = V
CC
DS90C031T
2.2
4.0
mA
DS90C031E
2.2
10.0
mA
Switching Characteristics
V
CC = +5.0V, TA = +25˚C DS90C031T. (Notes 3, 4, 6, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
R
L = 100Ω,CL =5pF
(
Figure 2 and Figure 3)
1.0
2.0
3.0
ns
t
PLHD
Differential Propagation Delay Low to High
1.0
2.1
3.0
ns
t
SKD
Differential Skew |t
PHLD –tPLHD|
0
80
400
ps
t
SK1
Channel-to-Channel Skew (Note 4)
0
300
600
ps
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com