Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TBD Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 27Page - Freescale Semiconductor, Inc TBD Datasheet HTML 28Page - Freescale Semiconductor, Inc TBD Datasheet HTML 29Page - Freescale Semiconductor, Inc TBD Datasheet HTML 30Page - Freescale Semiconductor, Inc TBD Datasheet HTML 31Page - Freescale Semiconductor, Inc TBD Datasheet HTML 32Page - Freescale Semiconductor, Inc TBD Datasheet HTML 33Page - Freescale Semiconductor, Inc TBD Datasheet HTML 34Page - Freescale Semiconductor, Inc TBD Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
31
2.6.2
Serial RapidIO DC Electrical Characteristics
DC receiver logic levels are not defined since the receiver is AC-coupled.
2.6.2.1
DC Requirements for SerDes Reference Clocks
The SerDes reference clocks SRIO_REF_CLK and SRIO_REF_CLK are AC-coupled differential inputs. Each differential
clock input has an internal 50
Ω termination to GND
SXC. The reference clock must be able to drive this termination. The
recommended minimum operating voltage is –0.4 V; the recommended maximum operating voltage is 1.32 V; and the
maximum absolute voltage is 1.72 V.
The maximum average current allowed in each input is 8 mA. This current limitation sets the maximum common mode input
voltage to be less than 0.4 V (0.4 V/50
Ω = 8 mA) while the minimum common mode input level is GND
SXC. For example, a
clock with a 50/50 duty cycle can be driven by a current source output that ranges from 0 mA to 16 mA (0–0.8 V). The input is
AC-coupled internally, so, therefore, the exact common mode input voltage is not critical.
Note:
This internal AC-couple network does not function correctly with reference clock frequencies below 90 MHz.
If the device driving the SRIO_REF_CLK inputs cannot drive 50
Ω to GND
SXC, or if it exceeds the maximum input current
limitations, then it must use external AC-coupling. The minimum differential peak-to-peak amplitude of the input clock is 0.4 V
(0.2 V peak-to-peak per phase). The maximum differential peak-to-peak amplitude of the input clock is 1.6 V peak-to-peak (see
Figure 5. The termination to GNDSXC allows compatibility with HCSL type reference clocks specified for PCI-Express
applications. Many other low voltage differential type outputs can be used but will probably need to be AC-coupled due to the
limited common mode input range. LVPECL outputs can produce too large an amplitude and may need to be source terminated
with a divider network to reduce the amplitude. The amplitude of the clock must be at least a 400 mV differential peak-peak for
single-ended clock. If driven differentially, each signal wire needs to drive 100 mV around common mode voltage. The
differential reference clock (SRIO_REF_CLK/ SRIO_REF_CLK) input is HCSL-compatible DC coupled or LVDS-compatible
with AC-coupling.
Figure 5. SerDes Reference Clocks Input Stage
2.6.2.2
Spread Spectrum Clock
SRIO_REF_CLK/ SRIO_REF_CLK is designed to work with a spread spectrum clock (0 to 0.5% spreading at 3033 kHz rate
is allowed), assuming both ends have same reference clock. For better results use a source without significant unintended
modulation.
SRIO_REF_CLK
SRIO_REF_CLK
50
Ω
50
Ω
GNDSXC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com